Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3648 Datasheet(PDF) 36 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 36 Page - ams AG

Back Button AS3648 Datasheet HTML 31Page - ams AG AS3648 Datasheet HTML 32Page - ams AG AS3648 Datasheet HTML 33Page - ams AG AS3648 Datasheet HTML 34Page - ams AG AS3648 Datasheet HTML 35Page - ams AG AS3648 Datasheet HTML 36Page - ams AG AS3648 Datasheet HTML 37Page - ams AG AS3648 Datasheet HTML 38Page - ams AG AS3648 Datasheet HTML 39Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
35 - 38
AS3648
Datasheet, Confidential - A p p l i c a t i o n I n f o r m a t i o n
5V Operating Mode
The AS3648can be used to power a 5V system (e.g. audio amplifier). The operating mode is selected by setting regis-
ter bit const_v_mode (page 25)=1. In this operating mode, the current sinks are disabled and cannot be switched on
(no flash/torch operation is possible).
Note: There is always a diode between VIN and VOUT1/2 due to the internal circuit. Therefore VOUT1/2 cannot be
completely switched off
Figure 33. 5V Operating Mode


 
 





  
AS3648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com