Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3648 Datasheet(PDF) 20 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 20 Page - ams AG

Back Button AS3648 Datasheet HTML 16Page - ams AG AS3648 Datasheet HTML 17Page - ams AG AS3648 Datasheet HTML 18Page - ams AG AS3648 Datasheet HTML 19Page - ams AG AS3648 Datasheet HTML 20Page - ams AG AS3648 Datasheet HTML 21Page - ams AG AS3648 Datasheet HTML 22Page - ams AG AS3648 Datasheet HTML 23Page - ams AG AS3648 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
19 - 38
AS3648
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n

Data transfer may be initiated only when the bus is not busy.

During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the data line
while the clock line is HIGH are interpreted as control signals.
Accordingly, the following bus conditions have been defined:
Bus Not Busy
Both data and clock lines remain HIGH.
Start Data Transfer
A change in the state of the data line, from HIGH to LOW, while the clock is HIGH, defines a START condition.
Stop Data Transfer
A change in the state of the data line, from LOW to HIGH, while the clock line is HIGH, defines the STOP condition.
Data Valid
The state of the data line represents valid data when, after a START condition, the data line is stable for the duration of
the HIGH period of the clock signal. The data on the line must be changed during the LOW period of the clock signal.
There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of data bytes
transferred between START and STOP conditions are not limited, and are determined by the master device. The
information is transferred byte-wise and each receiver acknowledges with a ninth bit.
Acknowledge
Each receiving device, when addressed, is obliged to generate an acknowledge after the reception of each byte. The
master device must generate an extra clock pulse that is associated with this acknowledge bit.
A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way that the
SDA line is stable LOW during the HIGH period of the acknowledge-related clock pulse. Of course, setup and hold
times must be taken into account. A master must signal an end of data to the slave by not generating an acknowledge
bit on the last byte that has been clocked out of the slave. In this case, the slave must leave the data line HIGH to
enable the master to generate the STOP condition.
Figure 28. Data Transfer on I
2C Serial Bus
Depending upon the state of the R/W bit, two types of data transfer are possible:
SLAVE
ADDRESS
ACKNOWLEDGEMENT
SIGNAL FROM
RECEIVER
ACKNOWLEDGEMENT
SIGNAL FROM
RECEIVER
REPEATED IF
MORE BYTES ARE
TRANSFERRED
STOP CONDITION
OR REPEATED
START CONDITION
START
CONDITION
SCL
SDA
MSB
R/W
DIRECTION
BIT
ACK
1
2
6
78
9
1
2
3-7
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com