Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3648 Datasheet(PDF) 9 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 9 Page - ams AG

Back Button AS3648 Datasheet HTML 5Page - ams AG AS3648 Datasheet HTML 6Page - ams AG AS3648 Datasheet HTML 7Page - ams AG AS3648 Datasheet HTML 8Page - ams AG AS3648 Datasheet HTML 9Page - ams AG AS3648 Datasheet HTML 10Page - ams AG AS3648 Datasheet HTML 11Page - ams AG AS3648 Datasheet HTML 12Page - ams AG AS3648 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
8 - 38
AS3648
Datasheet, Confidential - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VVIN = 3.7V, TA = +25ºC (unless otherwise specified), LED: Osram Phaser 2 (VFLED=3.8V at 1A)
Figure 4. DCDC Efficiency vs. VVIN
Figure 5. Application Efficiency (PLED/PVIN) vs. VVIN
60
65
70
75
80
85
90
95
100
2,8
3,2
3,6
4
4,4
4,8
5,2
%
Input Voltage (V)
IOUT = 2000mA/2LEDs
IOUT = 1600mA/1 LED
IOUT = 1300mA/1 LED
IOUT = 1300mA/1 LED/ 1/4MHz on
IOUT = 1000mA/1 LED
60
65
70
75
80
85
90
2,8
3,2
3,6
4
4,4
4,8
5,2
%
Input Voltage (V)
IOUT = 2000mA/2LEDs
IOUT = 1600mA/1 LED
IOUT = 1300mA/1 LED
IOUT = 1300mA/1 LED/ 1/4MHz on
IOUT = 1000mA/1 LED
Figure 6. Battery Current vs. VVIN
Figure 7. Efficiency at low currents (300mA)
0
0,5
1
1,5
2
2,5
3
3,5
4
2,8
3,2
3,6
4
4,4
4,8
5,2
A
Input Voltage (V)
IOUT = 2000mA/2LEDs
IOUT = 1600mA/1 LED
IOUT = 1300mA/1 LED
IOUT = 1300mA/1 LED/ 1/4MHz on
IOUT = 1000mA/1 LED
60
65
70
75
80
85
90
95
100
2,8
3,0
3,2
3,4
3,6
3,8
4,0
4,2
4,4
%
Input Voltage (V)
IOUT = 300mA/1 LEDs
DCDC Efficiency
IOUT = 300mA/1 LEDs
Application Efficiency
Figure 8. ILED Startup (ILED_OUT=1.0A)
Figure 9. IVIN, ILED Startup (ILED_OUT=800mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com