Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3648 Datasheet(PDF) 22 Page - ams AG

Part # AS3648
Description  2000mA High Current LED Flash Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3648 Datasheet(HTML) 22 Page - ams AG

Back Button AS3648 Datasheet HTML 18Page - ams AG AS3648 Datasheet HTML 19Page - ams AG AS3648 Datasheet HTML 20Page - ams AG AS3648 Datasheet HTML 21Page - ams AG AS3648 Datasheet HTML 22Page - ams AG AS3648 Datasheet HTML 23Page - ams AG AS3648 Datasheet HTML 24Page - ams AG AS3648 Datasheet HTML 25Page - ams AG AS3648 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
www.austriamicrosystems.com/AS3648
1.5-4
21 - 38
AS3648
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Figure 30. Data Read (from Current Pointer Location) - Slave Transmitter Mode
Figure 31. Data Read (Write Pointer, Then Read) - Slave Receive and Transmit
S
0110000
1
A
XXXXXXXX
A
AA
XXXXXXXX
XXXXXXXX
NA
XXXXXXXX
P
<Slave Address>
<Data(n)>
<Data(n+1)>
<Data(n+X)>
S - Start
A - Acknowledge (ACK)
P - Stop
NA - Not Acknowledge (NACK)
Data Transferred
(X + 1 Bytes + Acknowledge)
Note: Last data byte is followed by a NACK
<Data(n+2)>
S
0110000
0
A
XXXXXXXX
A
1
A
0110000
<Slave Address>
<Word Address (n)>
<Data(n+2)>
S - Start
Sr - Repeated Start
A - Acknowledge (ACK)
P - Stop
NA - Not Acknowledge (NACK)
XXXXXXXX
A
AA
XXXXXXXX
XXXXXXXX
NA
XXXXXXXX
P
<Data(n)>
<Data(n+1)>
<Data(n+X)>
Sr
Data Transferred
(X + 1 Bytes + Acknowledge)
Note: Last data byte is followed by a NACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com