Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8002 Datasheet(PDF) 7 Page - ams AG

Part # AS8002
Description  Solar Photovoltaic Inverter Measurement IC with Fast Over Current Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8002 Datasheet(HTML) 7 Page - ams AG

Back Button AS8002 Datasheet HTML 3Page - ams AG AS8002 Datasheet HTML 4Page - ams AG AS8002 Datasheet HTML 5Page - ams AG AS8002 Datasheet HTML 6Page - ams AG AS8002 Datasheet HTML 7Page - ams AG AS8002 Datasheet HTML 8Page - ams AG AS8002 Datasheet HTML 9Page - ams AG AS8002 Datasheet HTML 10Page - ams AG AS8002 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.austriamicrosystems.com/AS8002
Revision 1.1
6 - 24
AS8002
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
6.1 Operating Conditions
6.2 Block Electrical Characteristics
AVDD=3.0V to 3.6V, TAMB= -40 to +125ºC. Typical values at TAMB= +25ºC and AVDD=3.3V (unless otherwise specified).
Table 3. Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AVDD
Positive analog supply voltage
3.0
3.3
3.6
V
AVSS
Negative analog supply voltage
00
V
A - D
Difference of supplies
AVDD – DVDD
AVSS – DVSS
-0.1
0.1
V
DVDD
Positive digital supply voltage
3.0
3.3
3.6
V
DVSS
Negative digital supply voltage
00
V
TAMB
Ambient temperature
-40
25
125
ºC
ISUPP
Supply current
5mA
Table 4. Block Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ADC DC Accuracy
RES
Resolution
12
Bits
INL
Integral Nonlinearity
-0.99
+0.99
LSB
DNL
Differential Nonlinearity
Guaranteed No Missed Codes to 12 Bits
-0.99
+0.99
LSB
OFS
Offset Error
±0.6
±4
LSB
OFSM
Offset Error Match
±0.1
LSB
GAIN
Gain Error
±4
LSB
GAINM
Gain Error Match
±0.1
LSB
ADC Dynamic Specifications fIN=10 kHz Sine Wave Input
SINAD
Signal to Noise = Distortion Ratio
fIN = 10kHz
71
dB
SNR
Signal-to-Noise Ratio
72
dB
THD
Total Harmonic Distortion
-78
dB
SFDR
Spurious-Free Dynamic Range
84
dB
CCISOL
Channel-to-Channel Isolation
fIN = 40kHz
-79
dB
FPBW
Full Power Bandwidth
at 3dB
35
MHz
FLBW
at 0.1dB
3.6
ADC Analog Inputs of the Analog-to-Digital Converter
VX+ – VX-
Differential Input Voltage Ranges
-VREF
VREF
V
VCMIN
Input Common Mode Voltage
VREF/2
VDD-
VREF/2
V
AILEAK
DC Leakage Current
-1
+1
µA
AIIZT
Input Capacitance
Track mode
TBD
pF
AIIZH
Hold mode
TBD
pF
ADC Conversion Rate
tCONV
Conversion Time
Running from the internal oscillator
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com