Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8002 Datasheet(PDF) 20 Page - ams AG

Part # AS8002
Description  Solar Photovoltaic Inverter Measurement IC with Fast Over Current Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8002 Datasheet(HTML) 20 Page - ams AG

Back Button AS8002 Datasheet HTML 16Page - ams AG AS8002 Datasheet HTML 17Page - ams AG AS8002 Datasheet HTML 18Page - ams AG AS8002 Datasheet HTML 19Page - ams AG AS8002 Datasheet HTML 20Page - ams AG AS8002 Datasheet HTML 21Page - ams AG AS8002 Datasheet HTML 22Page - ams AG AS8002 Datasheet HTML 23Page - ams AG AS8002 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
www.austriamicrosystems.com/AS8002
Revision 1.1
19 - 24
AS8002
Data Sheet - D e t a i l e d D e s c r i p t i o n
Table 20. 15h
Address:
15h
Auxiliary Measurement LSB Register
Gives measured value of auxiliary channel (LSB)
Bit
Bit Name
Default
Access
Description
7:0
aux_meas[7:0]
0h
R
LSB of auxiliary channel measurement, value is given as 2’s complement
number by the formula:
aux_meas*1.22m
(EQ 12)
Table 21. 16h
Address:
16h
Temperature Measurement Register
Gives measured value of temperature
Bit
Bit Name
Default
Access
Description
7:0
temp
0h
R
Temperature value (in °C) is given by the formula:
92+temp*3/4
(EQ 13)
Table 22. 17h
Address:
17h
Interrupt Status Register
Gives status of each interrupt source
Bit
Bit Name
Default
Access
Description
0
over_temp_i
0h
R
0: over temperature not detected
1: over temperature detected
1
under_voltage_i
0h
R
0: under voltage not detected
1: under voltage detected
2
over_current_i
0h
R
0: over current not detected
1: over current detected
Table 23. 18h
Address:
18h
ASIC ID 1 Register
Provides Chip identification
Bit
Bit Name
Default
Access
Description
7:0
asic_id
02h
R
Chip indentification
Table 24. 19h
Address:
19h
ASIC ID 2 Register
Provides chip version number
Bit
Bit Name
Default
Access
Description
7:0
asic_version
5Xh
R
50h: Chip version 0
51h: Chip version 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com