Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8002 Datasheet(PDF) 22 Page - ams AG

Part # AS8002
Description  Solar Photovoltaic Inverter Measurement IC with Fast Over Current Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8002 Datasheet(HTML) 22 Page - ams AG

Back Button AS8002 Datasheet HTML 17Page - ams AG AS8002 Datasheet HTML 18Page - ams AG AS8002 Datasheet HTML 19Page - ams AG AS8002 Datasheet HTML 20Page - ams AG AS8002 Datasheet HTML 21Page - ams AG AS8002 Datasheet HTML 22Page - ams AG AS8002 Datasheet HTML 23Page - ams AG AS8002 Datasheet HTML 24Page - ams AG AS8002 Datasheet HTML 25Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
www.austriamicrosystems.com/AS8002
Revision 1.1
21 - 24
AS8002
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8 Application Information
Table 30 provides examples of Gain selection of Channel 1 for different shunt resistors and maximum RMS currents.
8.1 Application Hints
Grounding and Layout. The analog and digital supplies of the AS8002 (AVDD, DVDD, AVSS, DVSS) are independent and separately
pinned out to minimize coupling between the analog and digital sections of the device. The printed circuit board (PCB) that houses the AS8002
should be designed such that the analog and digital sections are separated and confined to certain areas on the board. This design facilitates the
use of ground planes that can be easily separated.
To provide optimum shielding for ground planes, a minimum etch technique is generally best. All VSS pins of the AS8002 should be sunk in the
ground plane. Digital and analog ground planes should be joined in only one spot. If the AS8002 is in a system where multiple devices require an
AVSS and DVSS connection, this connection should still be made at one point only; a star ground point that should be established as close as
possible to the ground pins on the AS8002.
Avoid running digital lines under the device as this couples noise into the chip. However, the analog ground plane should be allowed to run under
the AS8002 to avoid noise coupling. The power supply lines to the AS8002 should use as large trace width as possible to provide low impedance
paths and reduce the effects of glitches on the power supply line.
Likewise, the positive supply pins AVDD and DVDD should be connected only at one common star point close the output of the power supply.
For best performance of the analog blocks of the AS8002, it is important to have a clean, noise-free supply voltage at AVDD.
To avoid radiating noise to other sections of the board, fast switching signals, such as clocks, should be shielded with digital ground, and clock
signals should never run near the analog inputs. Avoid crossover of digital and analog signals. To reduce the effects of feedthrough within the
board, traces on opposite sides of the board should run at right angles to each other. A microstrip technique is the best method but is not always
possible with a double sided board. In this technique, the component side of the board is dedicated to ground planes, while signals are placed on
the opposite side.
Good decoupling is also important. All analog supplies should be decoupled with 10µF ceramic capacitors in parallel with 0.1µF capacitors to
GND. Refer to Typical Application Circuit (page 9). To achieve the best results from these decoupling components, they must be placed as close
as possible to the device The 0.1µF capacitors should have low effective series resistance (ESR) and low effective series inductance (ESI), such
as common ceramic types or surface-mount types. These low ESR and ESI capacitors provide a low impedance path to ground at high
frequencies to handle transient currents due to internal logic switching.
Table 30. Gain Selection
Shunt Resistor Value
Sensing RMS Current (A)
Recommended Linear Gain for Channel 1 for
ADC to work in 80% of dynamic range
7.5 m
Ω
1.5
Gain1 = 64
10 m
Ω
1.5
Gain1 = 48
5 m
Ω
3
Gain1 = 48
7.5 m
Ω
3
Gain1 = 32
10 m
Ω
3
Gain1 = 24
5 m
Ω
6
Gain1 = 24
7.5 m
Ω
6
Gain1 = 16
10 m
Ω
6
Gain1 = 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com