Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8002 Datasheet(PDF) 12 Page - ams AG

Part # AS8002
Description  Solar Photovoltaic Inverter Measurement IC with Fast Over Current Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8002 Datasheet(HTML) 12 Page - ams AG

Back Button AS8002 Datasheet HTML 8Page - ams AG AS8002 Datasheet HTML 9Page - ams AG AS8002 Datasheet HTML 10Page - ams AG AS8002 Datasheet HTML 11Page - ams AG AS8002 Datasheet HTML 12Page - ams AG AS8002 Datasheet HTML 13Page - ams AG AS8002 Datasheet HTML 14Page - ams AG AS8002 Datasheet HTML 15Page - ams AG AS8002 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
www.austriamicrosystems.com/AS8002
Revision 1.1
11 - 24
AS8002
Data Sheet - D e t a i l e d D e s c r i p t i o n
Figure 5. Read Mode
The interface of the AS8002 corresponds to a 4-wire SPI where each data transfer is composed of 16 bits. Each 16-bit transfer of the SDI is
divided into a 7-bit address word indicating the target register, one R/W bit indicating the operation to be done and a 8-bit word data indicating
the data to be written.
The data transferred in SDO is also composed of 16 bits. These can be divided into the 8 MSBs which correspond to the 8 MSBs of the last
conversion run by the ADC plus 8 LSBs which clock out the data that has been requested by the SDI in that same cycle. This allows for a given
read register to be addressed and read in the same 16-bit transfer.
7.4 SPI Hardware Connection
Figure 6 shows a basic interconnection diagram of an AS8002 device with a host controller. Data transmission is enabled with signal SCSB (SS/
), the serial clock is applied at pin SCLK (SCK). Data is shifted into the AS8002 via signal SDI (MOSI) and read from the AS8002 via signal SDO
(MISO).
Figure 6. AS8002 and the Controller
65
0
1
2
3
4
65
0
1
2
3
4
7
65
0
1
2
3
4
addr[6:0]
read_meas_MSB[7:0]
R/W
data_addr[7:0]
SCSB
SCLK
SDI
SDO
MOSI
MISO
SCK
SS/
SDO
SDI
SCLK
SCSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com