Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8002 Datasheet(PDF) 21 Page - ams AG

Part # AS8002
Description  Solar Photovoltaic Inverter Measurement IC with Fast Over Current Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8002 Datasheet(HTML) 21 Page - ams AG

Back Button AS8002 Datasheet HTML 17Page - ams AG AS8002 Datasheet HTML 18Page - ams AG AS8002 Datasheet HTML 19Page - ams AG AS8002 Datasheet HTML 20Page - ams AG AS8002 Datasheet HTML 21Page - ams AG AS8002 Datasheet HTML 22Page - ams AG AS8002 Datasheet HTML 23Page - ams AG AS8002 Datasheet HTML 24Page - ams AG AS8002 Datasheet HTML 25Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
www.austriamicrosystems.com/AS8002
Revision 1.1
20 - 24
AS8002
Data Sheet - D e t a i l e d D e s c r i p t i o n
Table 25. 1Ah
Address:
1Ah
Raw ADC Results MSB Register
Gives measured value of the ADC (MSB) and status of warnings and interrupts
Bit
Bit Name
Default
Access
Description
3:0
adc_meas[11:8]
0h
R
MSB of raw ADC measurement, value is given as 2’s complement
number by the formula:
adc_meas*1.22m
(EQ 14)
5
interrupt detected
0h
R
Same value as XINT (complemented)
0: No interrupt detected
1: Interrupt is detected
6
warning detected
0h
R
Over temperature, under voltage or over current detected
0: No warning detected
1: Warning detected
Table 26. 1Bh
Address:
1Bh
Raw ADC Results LSB Register
Gives measured value of raw ADC (LSB)
Bit
Bit Name
Default
Access
Description
7:0
adc_meas[7:0]
0h
R
LSB of raw ADC measurement, value is given as 2’s complement number
by the formula:
adc_meas*1.22m
(EQ 15)
Table 27. 3Ah
Address:
3Ah
PGA Current Gain Calibration Register
Set value of correction coefficient for current measurement
Bit
Bit Name
Default
Access
Description
7:0
pga_curr_gain_cal
00h
R/W
Correct the measured current value multiplying it by the following factor,
where pga_curr_gain_cal is a number defined as 2’s complement:
(1024 + pga_curr_gain_cal) / 1024
(EQ 16)
Table 28. 3Bh
Address:
3Bh
PGA Voltage Gain Calibration Register
Set value of correction coefficient for voltage measurement
Bit
Bit Name
Default
Access
Description
7:0
pga_volt_gain_cal
00h
R/W
Correct the measured voltage value multiplying it by the following factor,
where pga_volt_gain_cal is a number defined as 2’s complement:
(1024 + pga_volt_gain_cal) / 1024
(EQ 17)
Table 29. 3Ch
Address:
3Ch
Auxiliary Channel Gain Calibration Register
Set value of correction coefficient for auxiliary measurement
Bit
Bit Name
Default
Access
Description
7:0
aux_gain_cal
00h
R/W
Correct the measured value of the auxiliary channel multiplying it by the
following factor, where aux_gain_cal is a number defined as 2’s
complement:
(1024 + aux_gain_cal) / 1024
(EQ 18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com