Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8002 Datasheet(PDF) 8 Page - ams AG

Part # AS8002
Description  Solar Photovoltaic Inverter Measurement IC with Fast Over Current Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8002 Datasheet(HTML) 8 Page - ams AG

Back Button AS8002 Datasheet HTML 4Page - ams AG AS8002 Datasheet HTML 5Page - ams AG AS8002 Datasheet HTML 6Page - ams AG AS8002 Datasheet HTML 7Page - ams AG AS8002 Datasheet HTML 8Page - ams AG AS8002 Datasheet HTML 9Page - ams AG AS8002 Datasheet HTML 10Page - ams AG AS8002 Datasheet HTML 11Page - ams AG AS8002 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.austriamicrosystems.com/AS8002
Revision 1.1
7 - 24
AS8002
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
tACQUISITION
Track-and-Hold Acquisition Time
TBD
µs
TPUT
Throughput Rate
100
KSPS
APERTURE
Aperture Delay
4ns
JITTER
Aperture Jitter
50
ps
Reference Output
RFRNG
Range
Typical accuracy ±TBD%
2.5
V
RFTC
Internal Reference Drift
10
ppm/ºC
Programmable Gain Amplifiers
AMPGAIN0
Gain channel 0
Programmable
2
64
V/V
| VV0_I0 |
Input level 0
Differential, with gain of 64
14
20
mVP
AMPGAIN1
Gain channel 1
Programmable
2
c
8
V/V
| VV1 |
Input level 1
Differential, with gain of 6
150
212
mVP
AMPOFFED
Offset error drift
-20
20
µV
AMPGAINED
Gain error drift
-0.1
0.1
%
AMPTHD
Total harmonic distortion
TBD
Temperature Sensor
TEMPAERR
Absolute Error (trimmed)
-5
+5
ºC
TEMPRERR
Relative Error (trimmed)
-3
+3
ºC
TEMPRNG
Temperature Range
-40
85
ºC
TEMPRES
Resolution
0.75
ºC/LSB
Internal Oscillator
OSCFREQ
Frequency
10
MHz
OSCERROR
Relative Error
-10
+10
%
Over Current
OVCURRDE
LAY
Reaction Time
From chip input to output
2
µs
OVCURRER
ROR
Relative Error
For threshold lower than 50mV
-20
+20
%
For threshold higher than 50mV
-10
+10
Under Voltage Lock Out
UVLOHI
High Threshold
2.85
V
UVLOHYST
Hysteresis
0.1
V
Digital Inputs
VIH
Input High Voltage
0.7xDVD
D
V
VIL
Input Low Voltage
0.3xDVD
D
V
IIN
Input Current
VIN=0V or DVDD
-1
+1
µA
CIN
Input Capacitance
15
pF
Digital Outputs
VOH
Output High Voltage
ISOURCE = 200 µA; DVDD = 3 to 3.6V
DVDD -
0.2
V
VOL
Output Low Voltage
ISINK = 200 µA
0.4
V
Table 4. Block Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com