Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8002 Datasheet(PDF) 18 Page - ams AG

Part # AS8002
Description  Solar Photovoltaic Inverter Measurement IC with Fast Over Current Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8002 Datasheet(HTML) 18 Page - ams AG

Back Button AS8002 Datasheet HTML 14Page - ams AG AS8002 Datasheet HTML 15Page - ams AG AS8002 Datasheet HTML 16Page - ams AG AS8002 Datasheet HTML 17Page - ams AG AS8002 Datasheet HTML 18Page - ams AG AS8002 Datasheet HTML 19Page - ams AG AS8002 Datasheet HTML 20Page - ams AG AS8002 Datasheet HTML 21Page - ams AG AS8002 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
www.austriamicrosystems.com/AS8002
Revision 1.1
17 - 24
AS8002
Data Sheet - D e t a i l e d D e s c r i p t i o n
Table 12. 04h
Address:
04h
Over Temperature Threshold Register
Set the over temperature threshold value
Bit
Bit Name
Default
Access
Description
7:0
over_temp_thres
FFh
R/W
Over temperature detection is triggered when temp value is higher than
over_temp_thres
Table 13. 05h
Address:
05h
Interrupt Enable Register
Separately enables the interrupts
Bit
Bit Name
Default
Access
Description
0
over_temp_int_en
0h
R/W
0: Interrupt due to over temperature is disabled
1: Interrupt due to over temperature is enabled
1
under_voltage_int_en
0h
R/W
0: Interrupt due to under voltage is disabled
1: Interrupt due to under voltage is enabled
2
over_current_int_en
0h
R/W
0: Interrupt due to over current is disabled
1: Interrupt due to over current is enabled
Table 14. 06h
Address:
06h
Over Current Range Register
Set the over current comparators absolute threshold voltage
Bit
Bit Name
Default
Access
Description
7:0
over_current_range
FFh
R/W
The threshold voltage is given by the formula:
over_current_range*1m
(EQ 6)
Where:
over_current_range should be higher than 10h
Table 15. 10h
Address:
10h
Current Measurement MSB Register
Gives measured value of current (MSB) and status of warnings and interrupts
Bit
Bit Name
Default
Access
Description
3:0
curr_meas[11:8]
0h
R
MSB of current channel measurement, value is given as 2’s complement
number by the formula:
I=curr_meas*1.22m / (Rshunt*curr_gain)
(EQ 7)
5
interrupt detected
0h
R
Same value as XINT (complemented)
0: No interrupt detected
1: Interrupt is detected
6
warning detected
0h
R
Over temperature, under voltage or over current detected
0: No warning detected
1: Warning detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com