Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8002 Datasheet(PDF) 5 Page - ams AG

Part # AS8002
Description  Solar Photovoltaic Inverter Measurement IC with Fast Over Current Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8002 Datasheet(HTML) 5 Page - ams AG

  AS8002 Datasheet HTML 1Page - ams AG AS8002 Datasheet HTML 2Page - ams AG AS8002 Datasheet HTML 3Page - ams AG AS8002 Datasheet HTML 4Page - ams AG AS8002 Datasheet HTML 5Page - ams AG AS8002 Datasheet HTML 6Page - ams AG AS8002 Datasheet HTML 7Page - ams AG AS8002 Datasheet HTML 8Page - ams AG AS8002 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.austriamicrosystems.com/AS8002
Revision 1.1
4 - 24
AS8002
Data Sheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Note:
Pin number assignment is likely to change.
Table 1. Pin Descriptions
Pin Name
Pin Number
Pin Type
Description
IOP_VOP
1
Analog pin
Analog Input Channel 0. Positive input of the differential analog input.
IOM_VOM
2
Analog pin
Analog Input Channel 0. Negative input of the differential analog input.
V1P
3
Analog pin
Analog Input Channel 1. Positive input of the differential analog input.
V1M
4
Analog pin
Analog Input Channel 1. Negative input of the differential analog input.
V2P
5
Analog pin
Analog Input Channel 2. Positive input of the differential analog input.
V2M
6
Analog pin
Analog Input Channel 2. Negative input of the differential analog input.
REF
7
Analog pin
Reference Positive Input Voltage.
AVSS
8
Supply pin
Ground reference for the analog circuitry.
DVSS
9
Supply pin
Ground reference for the digital circuitry.
XINT
10
Digital input/output
pin
Interrupt pin, active low
SDO
11
Digital output pin
Serial peripheral interface (SPI): Serial Data Output
SDI
12
Digital input pin
Serial peripheral interface (SPI): Serial Data input
SCLK
13
Digital input pin
Serial peripheral interface (SPI): Serial Clock
SCSB
14
Digital input pin
Serial peripheral interface (SPI): Serial Chip Select (active low)
DVDD
15
Supply pin
Digital positive supply
AVDD
16
Supply pin
Analog positive supply
AVSS
PAD
Supply pin
Ground reference for the analog circuitry.
AS8002
QFN16
4x4x0.9
SDI
SDO
XINT
DVSS
IOP_VOP
IOM_VOM
V1P
V1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com