Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8002 Datasheet(PDF) 17 Page - ams AG

Part # AS8002
Description  Solar Photovoltaic Inverter Measurement IC with Fast Over Current Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8002 Datasheet(HTML) 17 Page - ams AG

Back Button AS8002 Datasheet HTML 13Page - ams AG AS8002 Datasheet HTML 14Page - ams AG AS8002 Datasheet HTML 15Page - ams AG AS8002 Datasheet HTML 16Page - ams AG AS8002 Datasheet HTML 17Page - ams AG AS8002 Datasheet HTML 18Page - ams AG AS8002 Datasheet HTML 19Page - ams AG AS8002 Datasheet HTML 20Page - ams AG AS8002 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
www.austriamicrosystems.com/AS8002
Revision 1.1
16 - 24
AS8002
Data Sheet - D e t a i l e d D e s c r i p t i o n
7.10 Register Description
Table 9. 01h
Address:
01h
Control Register
Controls the power on and off of the internal blocks
Bit
Bit Name
Default
Access
Description
0
chip_en
0h
R/W
0: Chip in complete power off
1: Chip on
1
temp_sensor_en
0h
R/W
0: Temperature sensor disabled
1: Temperature sensor enabled
2
pga_curr_en
0h
R/W
0: Current channel PGA disabled
1: Current channel PGA enabled
3
pga_volt_en
0h
R/W
0: Voltage channel PGA disabled
1: Voltage channel PGA enabled
4
adcref_en
0h
R/W
0: Internal ADC reference voltage off
1: Internal ADC reference voltage on
Note:
This bit must be set to allow ADC measurements.
5
over_current_en
0h
R/W
0: Over current detector disabled
1: Over current detector enabled
6
over_current_channel
0h
R/W
0: Over current detector connected to inputs IOP_VOP and IOM_VOM
1: Over current detector connected to inputs V2P and V2M
Table 10. 02h
Address:
02h
PGA Gain Register
Controls the gain of the current and voltage channel PGAs
Bit
Bit Name
Default
Access
Description
4:0
pga_curr_gain
00h
R/W
Gain for current channel is given by the formula:
2*pga_curr_gain+2
(EQ 4)
7:6
pga_volt_gain
0h
R/W
Gain for voltage channel is given by the formula:
2*pga_volt_gain+2
(EQ 5)
Table 11. 03h
Address:
03h
Input Multiplexer Register
Controls the ADC and select the channel to be converted
Bit
Bit Name
Default
Access
Description
2:0
mux_sel
00h
R/W
Select the input to be converted:
0: Current channel PGA output
1: Voltage channel PGA output
2: V2P and V2M
3: AVDD and AVSS
4: IOP_VOP and IOM_VOM
5: V1P and V1M
6: Reserved
7: Reserved
4
adc_en
0h
R/W
Enable the ADC conversion that will start on the next SCSB falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com