Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8002 Datasheet(PDF) 23 Page - ams AG

Part # AS8002
Description  Solar Photovoltaic Inverter Measurement IC with Fast Over Current Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8002 Datasheet(HTML) 23 Page - ams AG

Back Button AS8002 Datasheet HTML 17Page - ams AG AS8002 Datasheet HTML 18Page - ams AG AS8002 Datasheet HTML 19Page - ams AG AS8002 Datasheet HTML 20Page - ams AG AS8002 Datasheet HTML 21Page - ams AG AS8002 Datasheet HTML 22Page - ams AG AS8002 Datasheet HTML 23Page - ams AG AS8002 Datasheet HTML 24Page - ams AG AS8002 Datasheet HTML 25Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
www.austriamicrosystems.com/AS8002
Revision 1.1
22 - 24
AS8002
Data Sheet - P a c k age Drawings a nd M arkings
9 Package Drawings and Markings
The device is available in a 16-pin QFN (4x4x0.9mm) package.
Figure 10. 16-pin QFN (4x4x0.9mm) Package
Notes:
1. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters, angles are in degrees.
3. Dimension b applies to metallized terminal and is measured between 0.25 and 0.30mm from terminal tip. Dimension L1 represents
terminal full back from package edge up to 0.1mm is acceptable.
4. Coplanarity applies to the exposed heat slug as well as the terminal.
5. Radius on terminal is optional.
#1
2
3
4
56
7
8
9
10
11
12
16
15
14
13
Symbol
Min
Typ
Max
A
0.75
0.85
0.95
A1
0.203 REF
b
0.25
0.30
0.35
D
4.00 BSC
E
4.00 BSC
D2
2.30
2.40
2.50
E2
2.30
2.40
2.50
Symbol
Min
Typ
Max
e
0.65 BSC
L
0.40
0.50
0.60
L1
0.10
P
45º BSC
aaa
0.15
ccc
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com