Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8002 Datasheet(PDF) 16 Page - ams AG

Part # AS8002
Description  Solar Photovoltaic Inverter Measurement IC with Fast Over Current Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8002 Datasheet(HTML) 16 Page - ams AG

Back Button AS8002 Datasheet HTML 12Page - ams AG AS8002 Datasheet HTML 13Page - ams AG AS8002 Datasheet HTML 14Page - ams AG AS8002 Datasheet HTML 15Page - ams AG AS8002 Datasheet HTML 16Page - ams AG AS8002 Datasheet HTML 17Page - ams AG AS8002 Datasheet HTML 18Page - ams AG AS8002 Datasheet HTML 19Page - ams AG AS8002 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
www.austriamicrosystems.com/AS8002
Revision 1.1
15 - 24
AS8002
Data Sheet - D e t a i l e d D e s c r i p t i o n
7.9 Register Map Table
Note:
Highlighted registers are Read only registers (bits).
Table 8. Register Map
Name
Addr
Default
Content
b7
b6
b5
b4
b3
b2
b1
b0
Control
01h
00h
over_
current_ch
annel
over_
current_
en
adc_ref_
en
pga_
volt_en
pga_
curr_en
temp_
sensor_
en
chip_en
PGA Gain
02h
00h
pga_volt_gain[1:0]
pga_curr_gain[4:0]
Input Multiplexer
03h
00h
adc_en
mux_sel[2:0]
Over Temperature
Threshold
04h
FFh
over_temp_thres[7:0]
Interrupt Enable
05h
00h
over_
current_int
_en
under_
voltage_
int_en
over_
temp_int_
en
Over Current Range
06h
FFh
over_current_range[7:0]
Current Measurement
MSB
10h
00h
0
warning_
detected
interrupt_
detected
X
curr_meas[11:8]
Current Measurement
LSB
11h
00h
curr_meas[7:0]
Voltage Measurement
MSB
12h
00h
0
warning_
detected
interrupt_
detected
X
volt_meas[11:8]
Voltage Measurement
LSB
13h
00h
volt_meas[7:0]
Auxiliary
Measurement MSB
14h
00h
0
warning_
detected
interrupt_
detected
X
aux_meas[11:8]
Auxiliary
Measurement MSB
15h
00h
aux_meas[7:0]
Temperature
Measurement
16h
00h
temp[7:0]
Interrupt Status
17h
00h
over_
current_i
under_
voltage_i
over_
temp_i
ASIC ID 1
18h
02h
0
0
0
0
0
0
1
0
ASIC ID 2
19h
5Xh
0
1
0
1
X
X
X
X
Raw ADC Results
MSB
1Ah
00h
0
warning_
detected
interrupt_
detected
X
adc_meas[11:8]
Raw ADC Results
LSB
1Bh
00h
adc_meas[7:0]
PGA Current Gain
Calibration
3Ah
00h
pga_curr_gain_cal[7:0]
PGA Voltage Gain
Calibration
3Bh
00h
pga_volt_gain_cal[7:0]
Auxiliary Channel
Gain Calibration
3Ch
00h
aux_gain_cal[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com