Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8002 Datasheet(PDF) 14 Page - ams AG

Part # AS8002
Description  Solar Photovoltaic Inverter Measurement IC with Fast Over Current Detection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8002 Datasheet(HTML) 14 Page - ams AG

Back Button AS8002 Datasheet HTML 10Page - ams AG AS8002 Datasheet HTML 11Page - ams AG AS8002 Datasheet HTML 12Page - ams AG AS8002 Datasheet HTML 13Page - ams AG AS8002 Datasheet HTML 14Page - ams AG AS8002 Datasheet HTML 15Page - ams AG AS8002 Datasheet HTML 16Page - ams AG AS8002 Datasheet HTML 17Page - ams AG AS8002 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
www.austriamicrosystems.com/AS8002
Revision 1.1
13 - 24
AS8002
Data Sheet - D e t a i l e d D e s c r i p t i o n
7.6 Measurement Example
The following example shows a simple way to alternately read the voltage and current values:
Bits [b2:b0] in Addr 03h control the ADC input multiplexer:
1. Select the Current channel input (IOM, IOP) : 0610h
- Set the Address [A6:A0] to 03h,
- Set the R/W bit to 0 (write mode) and the data to 10h (adc_en = 1, mux_sel = 0)
- In parallel to writing the 16-bit data on SDI, a set of 16-bit data can be read on SDO, which contains the data from the second to last
command.
2. Select the Voltage channel input (V1M, V1P) : 0611h
- Set the Address [A6:A0] to 03h,
- Set the R/W bit to 0 (write mode) and the data to 11h (adc_en = 1, mux_sel = 1)
- In parallel to writing the 16-bit data on SDI, a set of 16-bit data can be read on SDO, which contains the data from the second to last
command.
3. Change the input multiplexer back to Current channel input (IOM, IOP) : 0610h
- Repeat the sequence 1 above: addr = 03h, data = 10h,
- The 16-bit current input data from the second to last invoked command (1 above) can be read on SDO.
4. Loop sequences 2 and 3
Note:
In sequence 2, the 16-bit voltage input data from the second to last command can be read on SDO.
Figure 8. Measurement Diagram
Note:
The 16-bit input data from the voltage and current measurements contain the ADC data in the lower 12 bits and two status bits in the
upper 4 bits (see Register Map Table on page 15).
Name
Addr
Default
Content
b7
b6
b5
b4
b3
b2
b1
b0
Input Multiplexer
03h
00h
adc_en
mux_sel[2:0]
0: Current channel PGA output
1: Voltage channel PGA output
set Mux to
Current
measurement
set Mux to
Voltage
measurement
set Mux to
Current
measurement
set Mux to
Voltage
measurement
SDI
MSB
0610h
LSB
data from
previous
command
data from
previous
command
read Current
input value
read Voltage
input value
SDO
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
Transmission 1
Transmission 2
Transmission 3
Transmission 4
1)
2)
3)
4)=2)
MSB
0611h
LSB
MSB
0610h
LSB
MSB
0611h
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com