Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV521 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 3Page - Texas Instruments LPV521 Datasheet HTML 4Page - Texas Instruments LPV521 Datasheet HTML 5Page - Texas Instruments LPV521 Datasheet HTML 6Page - Texas Instruments LPV521 Datasheet HTML 7Page - Texas Instruments LPV521 Datasheet HTML 8Page - Texas Instruments LPV521 Datasheet HTML 9Page - Texas Instruments LPV521 Datasheet HTML 10Page - Texas Instruments LPV521 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
5
4
1
3
2
+
-
OUT
V
-
IN+
V
+
IN-
LPV521
www.ti.com
SNOSB14C – AUGUST 2009 – REVISED FEBRUARY 2013
5V AC Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2, and R
L > 1MΩ. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
en
Input-Referred Voltage Noise Density
f = 100 Hz
255
nV/
√Hz
Input-Referred Voltage Noise
0.1 Hz to 10 Hz
22
μVPP
in
Input-Referred Current Noise
f = 100 Hz
100
fA/
√Hz
EMIRR
EMI Rejection Ratio, IN+ and IN
(4)
VRF_PEAK = 100 mVP (−20 dBP),
121
f = 400 MHz
VRF_PEAK = 100 mVP (−20 dBP),
121
f = 900 MHz
dB
VRF_PEAK = 100 mVP (−20 dBP),
124
f = 1800 MHz
VRF_PEAK = 100 mVP (−20 dBP),
142
f = 2400 MHz
(4)
The EMI Rejection Ratio is defined as EMIRR = 20log (VRF_PEAK/ΔVOS).
CONNECTION DIAGRAM
Figure 1. 5-Pin SC70
Top View
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com