Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV521 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 11Page - Texas Instruments LPV521 Datasheet HTML 12Page - Texas Instruments LPV521 Datasheet HTML 13Page - Texas Instruments LPV521 Datasheet HTML 14Page - Texas Instruments LPV521 Datasheet HTML 15Page - Texas Instruments LPV521 Datasheet HTML 16Page - Texas Instruments LPV521 Datasheet HTML 17Page - Texas Instruments LPV521 Datasheet HTML 18Page - Texas Instruments LPV521 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 1.8V
RL = 10 M:
CL = 200 pF
PHASE
GAIN
CL = 20 pF
CL = 100 pF
CL = 50 pF
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 3.3V
RL = 10 M:
CL = 200 pF
PHASE
GAIN
CL = 20 pF
CL = 100 pF
CL = 50 pF
FREQUENCY (Hz)
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 3.3V
CL = 20 pF
RL = 1 M:
PHASE
RL = 10 M:
RL = 10 k:
RL = 100 k:
60
40
20
0
-20
GAIN
FREQUENCY (Hz)
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 5V
CL = 20 pF
RL = 1 M:
PHASE
GAIN
RL = 10 M:
RL = 10 k:
RL = 100 k:
60
40
20
0
-20
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 5V
CL = 20 pF
RL = 1 M:
PHASE
GAIN
-40°C
125°C
25°C
85°C
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 1.8V
CL = 20 pF
RL = 1 M:
PHASE
GAIN
RL = 10 M:
RL = 10 k:
RL = 100 k:
LPV521
www.ti.com
SNOSB14C – AUGUST 2009 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Frequency Response vs. Temperature
Frequency Response vs. RL
Figure 44.
Figure 45.
Frequency Response vs. RL
Frequency Response vs. RL
Figure 46.
Figure 47.
Frequency Response vs. CL
Frequency Response vs. CL
Figure 48.
Figure 49.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com