Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV521 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 12Page - Texas Instruments LPV521 Datasheet HTML 13Page - Texas Instruments LPV521 Datasheet HTML 14Page - Texas Instruments LPV521 Datasheet HTML 15Page - Texas Instruments LPV521 Datasheet HTML 16Page - Texas Instruments LPV521 Datasheet HTML 17Page - Texas Instruments LPV521 Datasheet HTML 18Page - Texas Instruments LPV521 Datasheet HTML 19Page - Texas Instruments LPV521 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
1s/DIV
15
10
5
0
-5
-10
-15
-2.5 -1.5 -0.5 0.5 1.5 2.5 3.5 4.5 5.5 6.5 7.5
VS = 3.3V
VCM = VS/2
1s/DIV
15
10
5
0
-5
-10
-15
-2.5 -1.5 -0.5 0.5 1.5 2.5 3.5 4.5 5.5 6.5 7.5
VS = 5V
VCM = VS/2
FREQUENCY (Hz)
VS = 5V
1
10
100
1k
10k
100
1000
1s/DIV
15
10
5
0
-5
-10
-15
-2.5 -1.5 -0.5 0.5 1.5 2.5 3.5 4.5 5.5 6.5 7.5
VS = 1.8V
VCM = VS/2
FREQUENCY (Hz)
60
40
20
0
-20
130
110
90
70
50
30
10
-10
-30
100
1k
10k
100k
VS = 5V
RL = 10 M:
CL = 200 pF
PHASE
GAIN
CL = 20 pF
CL = 100 pF
CL = 50 pF
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
2.1
1.8
1.5
2.3
3.1
3.9
4.7
5.5
FALLING EDGE
RISING EDGE
AV = +1
VOUT = VS
LPV521
SNOSB14C – AUGUST 2009 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Frequency Response vs. CL
Slew Rate vs. Supply Voltage
Figure 50.
Figure 51.
Voltage Noise vs. Frequency
0.1 to 10 Hz Time Domain Voltage Noise
Figure 52.
Figure 53.
0.1 to 10 Hz Time Domain Voltage Noise
0.1 to 10 Hz Time Domain Voltage Noise
Figure 54.
Figure 55.
16
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com