Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV521 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 13Page - Texas Instruments LPV521 Datasheet HTML 14Page - Texas Instruments LPV521 Datasheet HTML 15Page - Texas Instruments LPV521 Datasheet HTML 16Page - Texas Instruments LPV521 Datasheet HTML 17Page - Texas Instruments LPV521 Datasheet HTML 18Page - Texas Instruments LPV521 Datasheet HTML 19Page - Texas Instruments LPV521 Datasheet HTML 20Page - Texas Instruments LPV521 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
FREQUENCY (MHz)
1.0e-1
1.0
1.0e1
1.0e2
1.0e3
1.0e4
0.1
1
10
100
1000
10000
170
150
130
110
90
70
50
30
10
VS = 5V
VPEAK = -20 dBVp
2 ms/DIV
V
+
= +2.5V
V
-
= -2.5V
4
3
2
1
0
-1
-2
-3
-4
INPUT
OUTPUT
VS = 5V
RL = 100 k:
200 Ps/DIV
INPUT
OUTPUT
VS = 1.8V
RL = 100 k:
200 Ps/DIV
OUTPUT
INPUT
VS = 5V
RL = 100 k:
200 Ps/DIV
INPUT
OUTPUT
VS = 1.8V
RL = 100 k:
200 Ps/DIV
INPUT
OUTPUT
LPV521
www.ti.com
SNOSB14C – AUGUST 2009 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Small Signal Pulse Response
Small Signal Pulse Response
Figure 56.
Figure 57.
Large Signal Pulse Response
Large Signal Pulse Response
Figure 58.
Figure 59.
Overload Recovery Waveform
EMIRR vs. Frequency
Figure 60.
Figure 61.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com