Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV521 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 9Page - Texas Instruments LPV521 Datasheet HTML 10Page - Texas Instruments LPV521 Datasheet HTML 11Page - Texas Instruments LPV521 Datasheet HTML 12Page - Texas Instruments LPV521 Datasheet HTML 13Page - Texas Instruments LPV521 Datasheet HTML 14Page - Texas Instruments LPV521 Datasheet HTML 15Page - Texas Instruments LPV521 Datasheet HTML 16Page - Texas Instruments LPV521 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
VCM (V)
50
40
30
20
10
0
-10
-20
-30
-40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-40°C
25°C
VS = 3.3V
VCM (V)
15
10
5
0
-5
-10
-15
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
85°C
125°C
VS = 3.3V
VCM (V)
15
10
5
0
-5
-10
-15
0.0
0.5
1.0
1.5
2.0
-40°C
25°C
VS = 1.8V
VCM (V)
15
10
5
0
-5
-10
-15
0.0
0.5
1.0
1.5
2.0
85°C
125°C
VS = 1.8V
VS (V)
5
4
3
2
1
0
1
2
3
4
5
6
RL = 100 k:
125°C
85°C
25°C
-40°C
VS (V)
5
4
3
2
1
2
3
4
5
6
RL = 100 k:
125°C
85°C
25°C
-40°C
LPV521
www.ti.com
SNOSB14C – AUGUST 2009 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Output Swing High vs. Supply Voltage
Output Swing Low vs. Supply Voltage
Figure 32.
Figure 33.
Input Bias Current vs. Common Mode Voltage
Input Bias Current vs. Common Mode Voltage
Figure 34.
Figure 35.
Input Bias Current vs. Common Mode Voltage
Input Bias Current vs. Common Mode Voltage
Figure 36.
Figure 37.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com