Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV521 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 18Page - Texas Instruments LPV521 Datasheet HTML 19Page - Texas Instruments LPV521 Datasheet HTML 20Page - Texas Instruments LPV521 Datasheet HTML 21Page - Texas Instruments LPV521 Datasheet HTML 22Page - Texas Instruments LPV521 Datasheet HTML 23Page - Texas Instruments LPV521 Datasheet HTML 24Page - Texas Instruments LPV521 Datasheet HTML 25Page - Texas Instruments LPV521 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
200 Ps/DIV
VOUT
VIN
VS = 5V
+
-
VIN
RISO
VOUT
CL
LPV521
SNOSB14C – AUGUST 2009 – REVISED FEBRUARY 2013
www.ti.com
Figure 66. Resistive Isolation of Capacitive Load
Recommended minimum values for RISO are given in the following table, for 5V supply. Figure 67 shows the
typical response obtained with the CL = 50 pF and RISO = 154 kΩ. The other values of RISO in the table were
chosen to achieve similar dampening at their respective capacitive loads. Notice that for the LPV521 with larger
CL a smaller RISO can be used for stability. However, for a given CL a larger RISO will provide a more damped
response. For capacitive loads of 20 pF and below no isolation resistor is needed.
CL
RISO
0 – 20 pF
not needed
50 pF
154 k
Ω
100 pF
118 k
Ω
500 pF
52.3 k
Ω
1 nF
33.2 k
Ω
5 nF
17.4 k
Ω
10 nF
13.3 k
Ω
Figure 67. Step Response
EMI SUPPRESSION
The near-ubiquity of cellular, bluetooth, and Wi-Fi signals and the rapid rise of sensing systems incorporating
wireless radios make electromagnetic interference (EMI) an evermore important design consideration for
precision signal paths. Though RF signals lie outside the op amp band, RF carrier switching can modulate the
DC offset of the op amp. Also some common RF modulation schemes can induce down-converted components.
The added DC offset and the induced signals are amplified with the signal of interest and thus corrupt the
measurement. The LPV521 uses on chip filters to reject these unwanted RF signals at the inputs and power
supply pins; thereby preserving the integrity of the precision signal path.
22
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com