Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV521 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 16Page - Texas Instruments LPV521 Datasheet HTML 17Page - Texas Instruments LPV521 Datasheet HTML 18Page - Texas Instruments LPV521 Datasheet HTML 19Page - Texas Instruments LPV521 Datasheet HTML 20Page - Texas Instruments LPV521 Datasheet HTML 21Page - Texas Instruments LPV521 Datasheet HTML 22Page - Texas Instruments LPV521 Datasheet HTML 23Page - Texas Instruments LPV521 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
10:
VOUT
LOAD
Q1
2N2907
RSENSE
R1
24.9 k:
R2
24.9 k:
R3
10 M:
ICHARGE
V
+
V
+
VOUT =
X ICHARGE
RSENSE X R3
R1
LPV521
SNOSB14C – AUGUST 2009 – REVISED FEBRUARY 2013
www.ti.com
Figure 64. High Side Current Sensing
PORTABLE GAS DETECTION SENSOR
Gas sensors are used in many different industrial and medical applications. They generate a current which is
proportional to the percentage of a particular gas sensed in an air sample. This current goes through a load
resistor and the resulting voltage drop is measured. Depending on the sensed gas and sensitivity of the sensor,
the output current can be in the order of tens of microamperes to a few milliamperes. Gas sensor datasheets
often specify a recommended load resistor value or they suggest a range of load resistors to choose from.
Oxygen sensors are used when air quality or oxygen delivered to a patient needs to be monitored. Fresh air
contains 20.9% oxygen. Air samples containing less than 18% oxygen are considered dangerous. Oxygen
sensors are also used in industrial applications where the environment must lack oxygen. An example is when
food is vacuum packed. There are two main categories of oxygen sensors, those which sense oxygen when it is
abundantly present (i.e. in air or near an oxygen tank) and those which detect traces of oxygen in ppm.
Figure 65 shows a typical circuit used to amplify the output of an oxygen detector. The LPV521 makes an
excellent choice for this application as it only draws 345 nA of current and operates on supply voltages down to
1.6V. This application detects oxygen in air. The oxygen sensor outputs a known current through the load
resistor. This value changes with the amount of oxygen present in the air sample. Oxygen sensors usually
recommend a particular load resistor value or specify a range of acceptable values for the load resistor. Oxygen
sensors typically have a life of one to two years. The use of the nanopower LPV521 means minimal power usage
by the op amp and it enhances the battery life. With the components shown in Figure 65 the circuit can consume
less than 0.5 µA of current ensuring that even batteries used in compact portable electronics, with low mAh
charge ratings, could last beyond the life of the oxygen sensor. The precision specifications of the LPV521, such
as its very low offset voltage, low TCVOS , low input bias current, high CMRR, and high PSRR are other factors
which make the LPV521 a great choice for this application.
20
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com