Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV521 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 4Page - Texas Instruments LPV521 Datasheet HTML 5Page - Texas Instruments LPV521 Datasheet HTML 6Page - Texas Instruments LPV521 Datasheet HTML 7Page - Texas Instruments LPV521 Datasheet HTML 8Page - Texas Instruments LPV521 Datasheet HTML 9Page - Texas Instruments LPV521 Datasheet HTML 10Page - Texas Instruments LPV521 Datasheet HTML 11Page - Texas Instruments LPV521 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
0
2
4
6
8
10
12
14
16
18
20
VS = 3.3V
TA = 25
oC
VCM = VS/2
-1.0
VOS (mV)
-0.8 -0.6 -0.4 -0.2 0.0 0.2 0.4 0.6 0.8 1.0
-3.0
TCVOS (PV/C)
30
25
20
15
10
5
0
VS = 3.3V
-40
oC d TA d 125oC
VCM = VS/2
-2.0
-1.0
0.0
1.0
2.0
3.0
0
5
10
15
20
25
VS = 1.8V
TA = 25
oC
VCM = VS/2
-1.0
VOS (mV)
-0.8 -0.6 -0.4 -0.2 0.0 0.2 0.4 0.6 0.8 1.0
TCVOS (PV/C)
30
25
20
15
10
5
0
VS = 1.8V
-40
oC = TA = 125oC
VCM = VS/2
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
SUPPLY VOLTAGE (V)
800
700
600
500
400
300
200
100
0
1
2
3
4
5
6
125°C
85°C
25°C
-40°C
VCM = 0.3V
SUPPLY VOLTAGE (V)
800
700
600
500
400
300
200
100
0
1
2
3
4
5
6
125°C
85°C
25°C
-40°C
VCM = VS ± 0.3V
LPV521
SNOSB14C – AUGUST 2009 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics
At TJ = 25°C, unless otherwise specified.
Supply Current vs. Supply Voltage
Supply Current vs. Supply Voltage
Figure 2.
Figure 3.
Offset Voltage Distribution
TCVOS Distribution
Figure 4.
Figure 5.
Offset Voltage Distribution
TCVOS Distribution
Figure 6.
Figure 7.
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com