Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV521 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 8Page - Texas Instruments LPV521 Datasheet HTML 9Page - Texas Instruments LPV521 Datasheet HTML 10Page - Texas Instruments LPV521 Datasheet HTML 11Page - Texas Instruments LPV521 Datasheet HTML 12Page - Texas Instruments LPV521 Datasheet HTML 13Page - Texas Instruments LPV521 Datasheet HTML 14Page - Texas Instruments LPV521 Datasheet HTML 15Page - Texas Instruments LPV521 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
VS (V)
40
30
20
10
0
1
2
3
4
5
6
VCM = VS/2
125°C
85°C
25°C
-40°C
VS (V)
40
30
20
10
0
1
2
3
4
5
6
VCM = VS/2
125°C
85°C
25°C
-40°C
OUTPUT VOLTAGE REFERENCED TO V
+ (V)
30
25
20
15
10
5
0
0
1
2
3
4
5
VS = 5V
125°C
85°C
25°C
-40°C
OUTPUT VOLTAGE REFERENCED TO V
- (V)
30
25
20
15
10
5
0
0
1
2
3
4
5
VS = 5V
125°C
85°C
25°C
-40°C
OUTPUT VOLTAGE REFERENCED TO V
+ (V)
16
12
8
4
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VS = 3.3V
125°C
85°C
25°C
-40°C
OUTPUT VOLTAGE REFERENCED TO V
- (V)
16
12
8
4
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VS = 3.3V
125°C
85°C
25°C
-40°C
LPV521
SNOSB14C – AUGUST 2009 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics (continued)
At TJ = 25°C, unless otherwise specified.
Sourcing Current vs. Output Voltage
Sinking Current vs. Output Voltage
Figure 26.
Figure 27.
Sourcing Current vs. Output Voltage
Sinking Current vs. Output Voltage
Figure 28.
Figure 29.
Sourcing Current vs. Supply Voltage
Sinking Current vs. Supply Voltage
Figure 30.
Figure 31.
12
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com