Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV521 Datasheet(HTML) 1 Page - Texas Instruments

  LPV521 Datasheet HTML 1Page - Texas Instruments LPV521 Datasheet HTML 2Page - Texas Instruments LPV521 Datasheet HTML 3Page - Texas Instruments LPV521 Datasheet HTML 4Page - Texas Instruments LPV521 Datasheet HTML 5Page - Texas Instruments LPV521 Datasheet HTML 6Page - Texas Instruments LPV521 Datasheet HTML 7Page - Texas Instruments LPV521 Datasheet HTML 8Page - Texas Instruments LPV521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
10 M:
-
+
VOUT
10 M:
10 M:
VIN
10 M:
10 M:
270 pF
270 pF
270 pF
CR2032 Coin Cell
225 mAh = 5 circuits @ 9.5 yrs.
60 Hz Twin T Notch Filter
AV = 2 V/V
10 M:
270 pF
VBATT
VBATT = 3V o 2V @ end of life
Remote Sensor
Signal
+
60 Hz
To ADC
Signal × 2
(No 60 Hz)
LPV521
www.ti.com
SNOSB14C – AUGUST 2009 – REVISED FEBRUARY 2013
LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
Check for Samples: LPV521
1
FEATURES
DESCRIPTION
The LPV521 is a single nanopower 552 nW amplifier
23
For VS = 5V, Typical Unless Otherwise Noted
designed for ultra long life battery applications. The
Supply Current at VCM = 0.3V 400 nA (Max)
operating voltage range of 1.6V to 5.5V coupled with
Operating Voltage Range 1.6V to 5.5V
typically 351 nA of supply current make it well suited
for RFID readers and remote sensor nanopower
Low TCVOS 3.5 µV/°C (max)
applications. The device has input common mode
VOS 1 mV (Max)
voltage 0.1V over the rails, guaranteed TCVOS and
Input Bias Current 40 fA
voltage swing to the rail output performance. The
LPV521 has a carefully designed CMOS input stage
PSRR 109 dB
that outperforms competitors with typically 40 fA IBIAS
CMRR 102 dB
currents. This low input current significantly reduces
Open Loop Gain 132 dB
IBIAS and IOS errors introduced in megohm resistance,
high impedance photodiode, and charge sense
Gain Bandwidth Product 6.2 kHz
situations.
The
LPV521
is
a
member
of
the
Slew Rate 2.4 V/ms
PowerWise® family and has an exceptional power-to-
Input Voltage Noise at f = 100 Hz 255
performance ratio.
nV/
√Hz
The
wide
input
common
mode
voltage
range,
Temperature Range
−40°C to 125°C
guaranteed 1 mV VOS and 3.5 µV/°C TCVOS enables
accurate and stable measurement for both high side
APPLICATIONS
and low side current sensing.
Wireless Remote Sensors
EMI protection was designed into the device to
Powerline Monitoring
reduce sensitivity to unwanted RF signals from cell
phones or other RFID readers.
Power Meters
Battery Powered Industrial Sensors
The LPV521 is offered in the 5-pin SC70 package.
Micropower Oxygen sensor and Gas Sensor
Active RFID Readers
Zigbee Based Sensors for HVAC Control
Sensor Network Powered by Energy
Scavenging
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerWise is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LPV521

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV521 TI1-LPV521 Datasheet
1Mb / 33P
RRIO, CMOS Input, Operational Amplifier
LPV521 TI1-LPV521 Datasheet
1Mb / 34P
NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
LPV521 TI1-LPV521 Datasheet
1Mb / 36P
LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier
JULY 2024
logo
National Semiconductor ...
LPV521MG NSC-LPV521MG Datasheet
1Mb / 22P
Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
More results

Similar Description - LPV521

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
1.8V, RRIO Operational Amplifiers
LMP2232 NSC-LMP2232 Datasheet
802Kb / 20P
Micropower, 1.8V, Precision, Operational Amplifier with CMOS Input
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV542 TI-LPV542 Datasheet
1Mb / 29P
LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
LPV521 TI-LPV521_15 Datasheet
1Mb / 33P
LPV521 NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
LPV521 TI1-LPV521 Datasheet
1Mb / 33P
RRIO, CMOS Input, Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
RRIO CMOS Operational Amplifier
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
TLV522 TI1-TLV522 Datasheet
1Mb / 22P
TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
TLV521 TI1-TLV521 Datasheet
1Mb / 27P
TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com