Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV521 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 14Page - Texas Instruments LPV521 Datasheet HTML 15Page - Texas Instruments LPV521 Datasheet HTML 16Page - Texas Instruments LPV521 Datasheet HTML 17Page - Texas Instruments LPV521 Datasheet HTML 18Page - Texas Instruments LPV521 Datasheet HTML 19Page - Texas Instruments LPV521 Datasheet HTML 20Page - Texas Instruments LPV521 Datasheet HTML 21Page - Texas Instruments LPV521 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
LPV521
SNOSB14C – AUGUST 2009 – REVISED FEBRUARY 2013
www.ti.com
APPLICATION INFORMATION
The LPV521 is fabricated with Texas Instruments' state-of-the-art VIP50 process. This proprietary process
dramatically improves the performance of Texas Instruments' low-power and low-voltage operational amplifiers.
The following sections showcase the advantages of the VIP50 process and highlight circuits which enable ultra-
low power consumption.
60 HZ TWIN T NOTCH FILTER
Small signals from transducers in remote and distributed sensing applications commonly suffer strong 60 Hz
interference from AC power lines. The circuit of Figure 62 notches out the 60 Hz and provides a gain AV = 2 for
the sensor signal represented by a 1 kHz sine wave. Similar stages may be cascaded to remove 2nd and 3rd
harmonics of 60 Hz. Thanks to the nA power consumption of the LPV521, even 5 such circuits can run for 9.5
years from a small CR2032 lithium cell. These batteries have a nominal voltage of 3V and an end of life voltage
of 2V. With an operating voltage from 1.6V to 5.5V the LPV521 can function over this voltage range.
The notch frequency is set by F0 = 1/2πRC. To achieve a 60 Hz notch use R = 10 MΩ and C = 270 pF. If
eliminating 50 Hz noise, which is common in European systems, use R = 11.8 M
Ω and C = 270 pF.
The Twin T Notch Filter works by having two separate paths from VIN to the amplifier’s input. A low frequency
path through the resistors R - R and another separate high frequency path through the capacitors C - C.
However, at frequencies around the notch frequency, the two paths have opposing phase angles and the two
signals will tend to cancel at the amplifier’s input.
To ensure that the target center frequency is achieved and to maximize the notch depth (Q factor) the filter
needs to be as balanced as possible. To obtain circuit balance, while overcoming limitations of available
standard resistor and capacitor values, use passives in parallel to achieve the 2C and R/2 circuit requirements
for the filter components that connect to ground.
To make sure passive component values stay as expected clean board with alcohol, rinse with deionized water,
and air dry. Make sure board remains in a relatively low humidity environment to minimize moisture which may
increase the conductivity of board components. Also large resistors come with considerable parasitic stray
capacitance which effects can be reduced by cutting out the ground plane below components of concern.
Large resistors are used in the feedback network to minimize battery drain. When designing with large resistors,
resistor thermal noise, op amp current noise, as well as op amp voltage noise, must be considered in the noise
analysis of the circuit. The noise analysis for the circuit in Figure 62 can be done over a bandwidth of 5 kHz,
which takes the conservative approach of overestimating the bandwidth (LPV521 typical GBW/AV is lower). The
total noise at the output is approximately 800 µVpp, which is excellent considering the total consumption of the
circuit is only 540 nA. The dominant noise terms are op amp voltage noise (550 µVpp), current noise through the
feedback network (430 µVpp), and current noise through the notch filter network (280 µVpp). Thus the total
circuit's noise is below 1/2 LSB of a 10 bit system with a 2 V reference, which is 1 mV.
18
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com