Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LPV521
Description  LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV521 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LPV521 Datasheet HTML 15Page - Texas Instruments LPV521 Datasheet HTML 16Page - Texas Instruments LPV521 Datasheet HTML 17Page - Texas Instruments LPV521 Datasheet HTML 18Page - Texas Instruments LPV521 Datasheet HTML 19Page - Texas Instruments LPV521 Datasheet HTML 20Page - Texas Instruments LPV521 Datasheet HTML 21Page - Texas Instruments LPV521 Datasheet HTML 22Page - Texas Instruments LPV521 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
10 M:
-
+
VOUT
10 M:
10 M:
VIN
10 M:
10 M:
270 pF
270 pF
270 pF
CR2032 Coin Cell
225 mAh = 5 circuits @ 9.5 yrs. each
60 Hz Twin T Notch Filter
AV = 2 V/V
10 M:
270 pF
VBATT
VBATT = 3V o 2V @ end of life
LPV521
www.ti.com
SNOSB14C – AUGUST 2009 – REVISED FEBRUARY 2013
Figure 62. 60 Hz Notch Filter
Figure 63. 60 Hz Notch Filter Waveform
BATTERY CURRENT SENSING
The rail-to-rail common mode input range and the very low quiescent current make the LPV521 ideal to use in
high side and low side battery current sensing applications. The high side current sensing circuit in Figure 64 is
commonly used in a battery charger to monitor the charging current in order to prevent over charging. A sense
resistor RSENSE is connected in series with the battery. The theoretical output voltage of the circuit is VOUT = [
(RSENSE × R3) / R1 ] × ICHARGE. In reality, however, due to the finite Current Gain, β, of the transistor the current
that travels through R3 will not be ICHARGE, but instead, will be α × ICHARGE or β/( β+1) × ICHARGE. A Darlington pair
can be used to increase the
β and performance of the measuring circuit. Using the components shown in
Figure 64 will result in VOUT ≈ 4000 Ω × ICHARGE. This is ideal to amplify a 1 mA ICHARGE to near full scale of an
ADC with VREF at 4.1V. A resistor, R2 is used at the non-inverting input of the amplifier, with the same value as
R1 to minimize offset voltage. Selecting values per Figure 64 will limit the current traveling through the R1 – Q1 –
R3 leg of the circuit to under 1 µA which is on the same order as the LPV521 supply current. Increasing resistors
R1 , R2 , and R3 will decrease the measuring circuit supply current and extend battery life. Decreasing RSENSE will
minimize error due to resistor tolerance, however, this will also decrease VSENSE = ICHARGE × RSENSE, and in turn
the amplifier offset voltage will have a more significant contribution to the total error of the circuit. With the
components shown in Figure 64 the measurement circuit supply current can be kept below 1.5 µA and measure
100 µA to 1 mA..
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LPV521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com