Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003 Datasheet(PDF) 22 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003 Datasheet(HTML) 22 Page - Burr-Brown (TI)

Back Button PCM3003 Datasheet HTML 15Page - Burr-Brown (TI) PCM3003 Datasheet HTML 16Page - Burr-Brown (TI) PCM3003 Datasheet HTML 17Page - Burr-Brown (TI) PCM3003 Datasheet HTML 18Page - Burr-Brown (TI) PCM3003 Datasheet HTML 19Page - Burr-Brown (TI) PCM3003 Datasheet HTML 20Page - Burr-Brown (TI) PCM3003 Datasheet HTML 21Page - Burr-Brown (TI) PCM3003 Datasheet HTML 22Page - Burr-Brown (TI) PCM3003 Datasheet HTML 23Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
®
PCM3002/3003
22
EXTERNAL MUTE CONTROL
For Power-Down ON/OFF control without click noise which
is generated by DAC output DC level change, an external
mute control is recommended. The control sequence, which
is external mute ON, CODEC Power-Down ON, SYSCLK
stop and resume if necessary, CODEC Power-down OFF,
and external mute OFF is recommended.
THEORY OF OPERATION
ADC SECTION
The PCM3002/3003 ADC consists of two reference circuits,
a stereo single-to-differential converter, a fully differential
5th-order delta-sigma modulator, a decimation filter (includ-
ing digital high pass), and a serial interface circuit. The
Block Diagram in this data sheet illustrates the architecture
of the ADC section, Figure 1 shows the single-to-differential
converter, and Figure 13 illustrates the architecture of the
5th-order delta-sigma modulator and transfer functions.
An internal reference circuit with three external capacitors
provides all reference voltages which are required by the
ADC, which defines the full scale range for the converter.
The internal single-to-differential voltage converter saves
the space and extra parts needed for external circuitry
required by many delta-sigma converters. The internal full-
differential signal processing architecture provides a wide
dynamic range and excellent power supply rejection perfor-
mance. The input signal is sampled at 64X oversampling
rate, eliminating the need for a sample-and-hold circuit, and
simplifying anti-alias filtering requirements. The 5th-order
delta-sigma noise shaper consists of five integrators which
use a switched-capacitor topology, a comparator and a
feedback loop consisting of a one-bit DAC. The delta-sigma
modulator shapes the quantization noise, shifting it out of
the audio band in the frequency domain. The high order of
the modulator enables it to randomize the modulator out-
puts, reducing idle tone levels.
The 64fS one-bit data stream from the modulator is con-
verted to 1fS 18-bit data words by the decimation filter,
which also acts as a low pass filter to remove the shaped
quantization noise. The DC components are removed by a
high pass filter function contained within the decimation
filter.
THEORY OF OPERATION
DAC SECTION
The delta-sigma DAC section of PCM3002/3003 is based on
a 5-level amplitude quantizer and a 3rd-order noise shaper.
This section converts the oversampled input data to 5-level
delta-sigma format. A block diagram of the 5-level delta-
sigma modulator is shown in Figure 14. This 5-level delta-
sigma modulator has the advantage of improved stability
and reduced clock jitter sensitivity over the typical one-bit
(2 level) delta-sigma modulator. The combined oversampling
rate of the delta-sigma modulator and the internal 8X inter-
polation filter is 64fS for a 256fS system clock. The theoreti-
cal quantization noise performance of the 5-level delta-
sigma modulator is shown in Figure 15.
+
+
–
+
+
+
5th SW-CAP
Integrator
4th SW-CAP
Integrator
3rd SW-CAP
Integrator
2nd SW-CAP
Integrator
1st SW-CAP
Integrator
+
+
+
+
–
+
+
–
1-Bit
DAC
H(z)
Qn(z)
Analog In
X(z)
Digital Out
Y(z)
Y(z) = STF(z) • X(z) + NTF(z) • Qn(z)
Signal Transfer Function
Noise Transfer Function
STF(z) = H(z) / [1 + H(z)]
NTF(z) = 1/ [1 + H(z)]
Comparator
FIGURE 13. Simplified 5th-Order Delta-Sigma Modulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com