Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003 Datasheet(PDF) 12 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003 Datasheet(HTML) 12 Page - Burr-Brown (TI)

Back Button PCM3003 Datasheet HTML 8Page - Burr-Brown (TI) PCM3003 Datasheet HTML 9Page - Burr-Brown (TI) PCM3003 Datasheet HTML 10Page - Burr-Brown (TI) PCM3003 Datasheet HTML 11Page - Burr-Brown (TI) PCM3003 Datasheet HTML 12Page - Burr-Brown (TI) PCM3003 Datasheet HTML 13Page - Burr-Brown (TI) PCM3003 Datasheet HTML 14Page - Burr-Brown (TI) PCM3003 Datasheet HTML 15Page - Burr-Brown (TI) PCM3003 Datasheet HTML 16Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
®
PCM3002/3003
12
BLOCK DIAGRAM
FIGURE 1. Analog Front-End (Single-Channel).
30k
Ω
V
INR
1
21
4
5
V
COM
V
REFL
V
REFR
Delta-Sigma
Modulator
(+)
(–)
V
REF
+
+
1.0µF
4.7µF
+
4.7µF
+
4.7µF
Interpolation
Filter
8X Oversampling
Interpolation
Filter
8X Oversampling
Multi-Level
Delta-Sigma
Modulator
Multi-Level
Delta-Sigma
Modulator
Clock
Reset and
Power Down
Zero Detect(1)
RST(1)/PDAD(2)
SYSCLK
ZFLG(1)
AGND2
V
CC2
AGND1
V
CC1
PDDA(2)
Reference
Mode
Control
Interface
ML(1 )
20BIT(2)
MC(1 )/DEM0(2)
MD(1 )/DEM1(2)
Serial Data
Interface
DOUT
BCKIN
LRCIN
DIN
V
INL
V
REFL
V
COM
V
REFR
V
INR
V
OUTL
V
OUTR
Power Supply
DGND
V
DD
Analog
Low-Pass
Filter
Analog
Low-Pass
Filter
Decimation
and
High Pass Filter
Delta-Sigma
Modulator
(–)
(+)
Analog
Front-End
Circuit
Decimation
and
High Pass Filter
Delta-Sigma
Modulator
ADC
DAC
(+)
(–)
Analog
Front-End
Circuit
NOTES: (1) MC, MD, ML, RST, and ZFLG are for PCM3002 only. (2) DEM0, DEM1, 20BIT, PDAD, and PDDA are for PCM3003 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com