Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button PCM3003 Datasheet HTML 5Page - Burr-Brown (TI) PCM3003 Datasheet HTML 6Page - Burr-Brown (TI) PCM3003 Datasheet HTML 7Page - Burr-Brown (TI) PCM3003 Datasheet HTML 8Page - Burr-Brown (TI) PCM3003 Datasheet HTML 9Page - Burr-Brown (TI) PCM3003 Datasheet HTML 10Page - Burr-Brown (TI) PCM3003 Datasheet HTML 11Page - Burr-Brown (TI) PCM3003 Datasheet HTML 12Page - Burr-Brown (TI) PCM3003 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
®
9
PCM3002/3003
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VCC = VDD = 3.0V, fS = 44.1kHz, and fSYSCLK = 384fS, unless otherwise noted.
ADC DIGITAL FILTER
OVERALL CHARACTERISTICS
Normalized Frequency (x f
S Hz)
0
–50
–100
–150
–200
816
24
32
0
STOPBAND ATTENUATION CHARACTERISTICS
Normalized Frequency (x f
S Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.2
0.4
0.6
0.8
1.0
0
PASSBAND RIPPLE CHARACTERISTICS
Normalized Frequency (x f
S Hz)
0.2
0.0
–0.2
–0.4
–0.6
–0.8
–1.0
0.1
0.2
0.3
0.4
0.5
0
HIGH PASS FILTER RESPONSE
Normalized Frequency (x f
S /1000 Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.1
0.2
0.3
0.4
0.5
0
HIGH PASS FILTER RESPONSE
Normalized Frequency (x f
S /1000 Hz)
0.2
0.0
–0.2
–0.4
–0.6
–0.8
–1.0
12
3
4
0
TRANSITION BAND CHARACTERISTICS
Normalized Frequency (x f
S Hz)
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
0.45
0.46 0.47 0.48 0.49
0.50 0.51
0.52 0.53 0.54 0.55
–4.13dB at 0.5 x f
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com