Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003 Datasheet(PDF) 16 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003 Datasheet(HTML) 16 Page - Burr-Brown (TI)

Back Button PCM3003 Datasheet HTML 12Page - Burr-Brown (TI) PCM3003 Datasheet HTML 13Page - Burr-Brown (TI) PCM3003 Datasheet HTML 14Page - Burr-Brown (TI) PCM3003 Datasheet HTML 15Page - Burr-Brown (TI) PCM3003 Datasheet HTML 16Page - Burr-Brown (TI) PCM3003 Datasheet HTML 17Page - Burr-Brown (TI) PCM3003 Datasheet HTML 18Page - Burr-Brown (TI) PCM3003 Datasheet HTML 19Page - Burr-Brown (TI) PCM3003 Datasheet HTML 20Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
®
PCM3002/3003
16
synchronization occurs followed by tADCDLY2 delay time. If
LRCIN is synchronized with 5 or less bit clocks to the system
clock, operation will be normal. Figure 9 illustrates the effects
on the output when synchronization is lost. Before the outputs
are forced to bipolar zero (<1/fS seconds), the outputs are not
defined and some noise may occur. During the transitions
between normal data and undefined states, the output has
discontinuities, which will cause output noise.
ZERO FLAG OUTPUT: PCM3002 ONLY
Pin 16 is an open-drain output, used as the infinite zero
detection flag on the PCM3002 only. When input data is
continuously zero for 65,536 BCKIN cycles, ZFLG is LOW,
otherwise, ZFLG is in a high-impedance state.
Synchronous
Asynchronous
Synchronization
Lost
Resynchronization
within
1/f
S
Synchronous
Normal
Normal
t
ADCDLY2 (32/fS)
t
DACDLY2 (32/fS)
Undefined Data
V
COM
(= 1/2 x V
CC)
Undefined Data
State of
Synchronization
DAC V
OUT
Normal
Normal(1 )
Zero
ADC DOUT
NOTES: (1) The HPF transient response (exponentially attenuated signal from ±0.2% DC of FSR
with 200ms time constant) appears initially.
Reset
Power Down
GND
V
COM
(0.5V
CC)
Ready/Operation
Internal Reset
or Power Down
ADC DOUT
DAC V
OUT
Zero
Zero
Normal Data(1)
t
ADCDLY1 (18436/fS)
t
DACDLY1 (16384/fS)
Reset Removal or Power Down OFF
NOTE: (1) The HPF transient response (exponentially attenuated signal from ±0.2% DC of FSR
with 200ms time constant) appears initially.
SYNCHRONIZATION WITH THE DIGITAL
AUDIO SYSTEM
The PCM3002/3003 operates with LRCIN synchronized to
the system clock. PCM3002/3003 does not require any spe-
cific phase relationship between LRCIN and the system
clock, but there must be synchronization. If the synchroniza-
tion between the system clock and LRCIN changes more than
6 bit clocks (BCKIN) during one sample (LRCIN) period
because of phase jitter on LRCIN, internal operation of the
DAC will stop within 1/fS, and the analog output will be
forced to bipolar zero (0.5VCC) until the system clock is re-
synchronized to LRCIN followed by tDACDLY2 delay time.
Internal operation of the ADC will also stop within 1/fS, and
the digital output codes will be set to bipolar zero until re-
FIGURE 8. DAC Output and ADC Output for Reset and Power Down.
FIGURE 9. DAC Output and ADC Output for Loss of Synchronization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com