Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  PCM3003 Datasheet HTML 1Page - Burr-Brown (TI) PCM3003 Datasheet HTML 2Page - Burr-Brown (TI) PCM3003 Datasheet HTML 3Page - Burr-Brown (TI) PCM3003 Datasheet HTML 4Page - Burr-Brown (TI) PCM3003 Datasheet HTML 5Page - Burr-Brown (TI) PCM3003 Datasheet HTML 6Page - Burr-Brown (TI) PCM3003 Datasheet HTML 7Page - Burr-Brown (TI) PCM3003 Datasheet HTML 8Page - Burr-Brown (TI) PCM3003 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
®
5
PCM3002/3003
TYPICAL PERFORMANCE CURVES
ADC SECTION
At TA = +25°C, VCC = VDD = 3.0V, fS = 44.1kHz, fSYSCLK = 384fS, and FSIGNAL = 1kHz, unless otherwise noted.
THD+N vs TEMPERATURE
Temperature (°C)
0.010
0.008
0.006
0.004
0.002
–25
0
25
50
75
85
100
5.0
4.0
2.0
3.0
1.0
–60dB
0.5dB
DYNAMIC RANGE and SNR vs TEMPERATURE
Temperature (°C)
94
92
90
88
86
–25
0
25
50
75
85
100
5.0
4.0
2.0
3.0
1.0
SNR
Dynamic Range
DYNAMIC RANGE and SNR vs SUPPLY VOLTAGE
Supply Voltage (V)
94
92
90
88
86
2.4
2.7
3.0
3.3
3.6
94
92
90
88
86
Dynamic Range
SNR
THD+N vs SUPPLY VOLTAGE
Supply Voltage (V)
0.010
0.008
0.006
0.004
0.002
2.4
2.7
3.0
3.3
3.6
5.0
4.0
3.0
2.0
1.0
–60dB
–0.5dB
THD+N vs SAMPLING FREQUENCY
f
S (kHz)
0.010
0.008
0.006
0.004
0.002
32
44.1
48
5.0
4.0
3.0
2.0
1.0
–60dB
–0.5dB
DYNAMIC RANGE and SNR vs SAMPLING FREQUENCY
f
S (kHz)
94
92
90
88
86
32
44.1
48
94
92
90
88
86
Dynamic Range
SNR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com