Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003 Datasheet(PDF) 19 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003 Datasheet(HTML) 19 Page - Burr-Brown (TI)

Back Button PCM3003 Datasheet HTML 15Page - Burr-Brown (TI) PCM3003 Datasheet HTML 16Page - Burr-Brown (TI) PCM3003 Datasheet HTML 17Page - Burr-Brown (TI) PCM3003 Datasheet HTML 18Page - Burr-Brown (TI) PCM3003 Datasheet HTML 19Page - Burr-Brown (TI) PCM3003 Datasheet HTML 20Page - Burr-Brown (TI) PCM3003 Datasheet HTML 21Page - Burr-Brown (TI) PCM3003 Datasheet HTML 22Page - Burr-Brown (TI) PCM3003 Datasheet HTML 23Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
®
19
PCM3002/3003
IZD:
Bit 4
DAC Infinite Zero Detection Circuit
Control
This bit enables the Infinite Zero Detection Circuit
in PCM3002. When enabled, this circuit will dis-
connect the analog output amplifier from the delta-
sigma DAC when the input is continuously zero for
65,536 consecutive cycles of BCKIN.
IZD
0
Infinite Zero Detection Disabled (default)
1
Infinite Zero Detection Enabled
OUT:
Bit 3
DAC Output Enable Control
When set to “1”, the outputs are forced to VCC/2
(bipolar zero). In this case, all registers in
PCM3002 hold the present data. Therefore, when
set to “0”, the outputs return to the previous
programmed state.
OUT
0
DAC Outputs Enabled (default normal operation)
1
DAC Outputs Disabled (forced to BPZ)
DEM (1:0):Bit 2,1
DAC De-emphasis Control
These bits select the de-emphasis mode as shown
below:
DEM1
DEM0
0
0
De-emphasis 44.1kHz ON
0
1
De-emphasis OFF (default)
1
0
De-emphasis 48kHz ON
1
1
De-emphasis 32kHz ON
MUT:
Bit 0
DAC Soft Mute Control
When set to “1”, both left and right-channel DAC
outputs are muted at the same time. This muting
is done by attenuating the data in the digital filter,
so there is no audible click noise when soft mute
is turned on.
MUT
0
Mute Disable (default)
1
Mute Enable
PROGRAM REGISTER 3
A (1:0):
Bit 10:9
Register Address
These bits define the address for REGISTER 3:
A1
A0
1
1
Register 3
res:
Bit 15:11, 8:6, 4:0
Reserved
These bits are reserved, and should be set to “0”.
PROGRAM REGISTER 2
A (1:0):
Bit 10, 9
Register Address
These bits define the address for REGISTER 2:
A1
A0
1
0
Register 2
res:
Bit 15:11, 6 Reserved
These bits are reserved and should be set to “0”.
PDAD:
Bit 8
ADC Power-Down Control
This bit places the ADC section in the lowest
power consumption mode. The ADC operation is
stopped by cutting the supply current to the ADC
section, and DOUT is fixed to zero during ADC
Power-down mode enable. Figure 8 illustrates the
ADC DOUT response for ADC power-down ON/
OFF. This does not affect the DAC operation.
PDAD
DAC POWER-DOWN
0
Power Down Mode Disabled (default)
1
Power Down Mode Enabled
BYPS:
Bit 7
ADC High-Pass Filter Bypass Control
This bit enables or disables the high-pass filter for
the ADC.
BYPS
0
High-Pass Filter Enabled (default)
1
High-Pass Filter Disabled (bypassed)
PDDA:
Bit 6
DAC Power-Down Control
This bit places the DAC section in the lowest power
consumption mode. The DAC operation is stopped
by cutting the supply current to the DAC section
and VOUT is fixed to GND during DAC Power-
Down Mode enable. Figure 8 illustrates the DAC
VOUT response for DAC Power-Down ON/OFF.
This does not affect the ADC operation.
PDDA
0
Power-Down Mode Disabled (default)
1
Power-Down Mode Enabled
ATC:
Bit 5
DAC Attenuation Channel Control
When set to “1”, the REGISTER 0 attenuation
data can be used for both DAC channels. In this
case, the REGISTER 1 attenuation data is ig-
nored.
ATC
0
Individual Channel Attenuation Data Control (default)
1
Common Channel Attenuation Data Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com