Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003 Datasheet(PDF) 18 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003 Datasheet(HTML) 18 Page - Burr-Brown (TI)

Back Button PCM3003 Datasheet HTML 14Page - Burr-Brown (TI) PCM3003 Datasheet HTML 15Page - Burr-Brown (TI) PCM3003 Datasheet HTML 16Page - Burr-Brown (TI) PCM3003 Datasheet HTML 17Page - Burr-Brown (TI) PCM3003 Datasheet HTML 18Page - Burr-Brown (TI) PCM3003 Datasheet HTML 19Page - Burr-Brown (TI) PCM3003 Datasheet HTML 20Page - Burr-Brown (TI) PCM3003 Datasheet HTML 21Page - Burr-Brown (TI) PCM3003 Datasheet HTML 22Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
®
PCM3002/3003
18
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 0
res
res
res
res
res
A1
A0
LDL
AL7
AL6
AL5
AL4
AL3
AL2
AL1
AL0
REGISTER 1
res
res
res
res
res
A1
A0
LDR
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
REGISTER 2
res
res
res
res
res
A1
A0
PDAD
BYPS
PDDA
ATC
IZD
OUT
DEM1
DEM0
MUT
REGISTER 3
res
res
res
res
res
A1
A0
res
res
res
LOP
res
FMT1
FMT0
LRP
res
MAPPING OF PROGRAM REGISTERS
SOFTWARE CONTROL (PCM3002)
PCM3002’s special functions are controlled using four pro-
gram registers which are 16 bits long. There are four distinct
registers, with bits 9 and 10 determining which register is in
use. Table III describes the functions of the four registers.
REGISTER
BIT
NAME
NAME
DESCRIPTION
Register 0
A (1:0)
Register Address “00”
res
Reserved, should be set to “0”
LDL
DAC Attenuation Data Load Control for Lch
AL (7:0)
Attenuation Data for Lch
Register 1
A (1:0)
Register Address “01”
res
Reserved, should be set to “0”
LDR
DAC Attenuation Data Load Control for Rch
AR (7:0)
DAC Attenuation for Rch
Register 2
A (1:0)
Register Address “10”
res
Reserved, should be set to “0”
PDAD
ADC Power-Down Control
PDDA
DAC Power-Down Control
BYPS
ADC High-Pass Filter Operation Control
ATC
DAC Attenuation Data Mode Control
IZD
DAC Infinite Zero Detection Circuit Control
OUT
DAC Output Enable Control
DEM (1:0)
DAC De-emphasis Control
MUT
Lch and Rch Soft Mute Control
Register 3
A (1:0)
Register Address “11”
res
Reserved, should be set to “0”
LOP
ADC/DAC Analog Loop-Back Control
FMT (1:0)
ADC/DAC Audio Data Format Selection
LRP
ADC/DAC Polarity of LR-clock Selection
TABLE III. Functions of the Registers.
PROGRAM REGISTER 0
A (1:0):
Bit 10, 9
Register Address
These bits define the address for REGISTER 0:
A1
A0
0
0
Register 0
res:
Bit 11 : 15
Reserved
These bits are reserved and should be set to “0”.
LDL:
Bit 8
DAC Attenuation Data Load Control for
Left Channel
This bit is used to simultaneously set analog
outputs of the left and right channels. The output
level is controlled by AL (7:0) attenuation data
when this bit is set to “1”. When set to “0”, the
new attenuation data will be ignored, and the
output level will remain at the previous attenua-
tion level. The LDR bit in REGISTER 1 has the
equivalent function as LDL. When either LDL or
LDR is set to “1”, the output level of the left and
right channels are simultaneously controlled.
AL (7:0): Bit 7:0
DAC Attenuation Data for Left Channel
AL7 and AL0 are MSB and LSB, respectively.
The attenuation level (ATT) is given by:
ATT = 20 x log10 (ATT data/255) (dB)
AL (7:0)
ATTENUATION LEVEL
00h
–
∞dB (Mute)
01h
–48.16dB
::
FEh
–0.07dB
FFh
0dB (default)
PROGRAM REGISTER 1
A (1:0):
Register Address
These bits define the address for REGISTER 1:
A1
A0
0
1
Register 1
res:
Bit 15:11
Reserved
These bits are reserved and should be set to “0”
LDR:
Bit 8
DAC Attenuation Data Load Control for
Right Channel
This bit is used to simultaneously set analog
outputs of the left and right channels. The output
level is controlled by AL (7:0) attenuation data
when this bit is set to “1”. When set to “0”, the
new attenuation data will be ignored, and the
output level will remain at the previous attenua-
tion level. The LDL bit in REGISTER 0 has the
equivalent function as LDR. When either LDL or
LDR is set to “1”, the output level of the left and
right channels are simultaneously controlled.
AR (7:0): Bit 7:0
DAC Attenuation Data for Left
Channel
AR7 and AR0 are MSB and LSB respectively.
See REGISTER 0 for the attenuation formula.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com