Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003 Datasheet(PDF) 15 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003 Datasheet(HTML) 15 Page - Burr-Brown (TI)

Back Button PCM3003 Datasheet HTML 11Page - Burr-Brown (TI) PCM3003 Datasheet HTML 12Page - Burr-Brown (TI) PCM3003 Datasheet HTML 13Page - Burr-Brown (TI) PCM3003 Datasheet HTML 14Page - Burr-Brown (TI) PCM3003 Datasheet HTML 15Page - Burr-Brown (TI) PCM3003 Datasheet HTML 16Page - Burr-Brown (TI) PCM3003 Datasheet HTML 17Page - Burr-Brown (TI) PCM3003 Datasheet HTML 18Page - Burr-Brown (TI) PCM3003 Datasheet HTML 19Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
®
15
PCM3002/3003
SYSTEM CLOCK
The system clock for PCM3002/3003 must be either 256fS,
384fS or 512fS, where fS is the audio sampling frequency. The
system clock should be provided at the SYSCLK input (pin 9).
The PCM3002/3003 also has a system clock detection circuit
which automatically senses if the system clock is operating at
256fS, 384fS, or 512fS. When 384fS or 512fS system clock is
used, the clock is divided into 256fS automatically. The 256fS
clock is used to operate the digital filters and the delta-sigma
modulators.
Table I lists the relationship of typical sampling frequencies
and system clock frequencies, while Figure 5 illustrates the
system clock timing.
POWER-ON RESET
Both the PCM3002 and PCM3003 have internal power-on
reset circuitry. Power-on reset occurs when system clock
(SYSCLK) is active and VDD > 2.2V. For the PCM3003, the
SYSCLK must complete a minimum of 3 complete cycles
prior to VDD > 2.2V to ensure proper reset operation. The
initialization sequence requires 1024 SYSCLK cycles for
completion, as shown in Figure 6. Figure 8 shows the state
of the DAC and ADC outputs during and after the reset
sequence.
EXTERNAL RESET
The PCM3002 includes a reset input, RST (pin 7), while the
PCM3003 utilizes both PDAD (pin 7) and PDDA (pin 8) for
external reset control. As shown in Figure 7, the external
reset signal must drive RST or PDAD/PDDA low for a
minimum of 40 nanoseconds while SYSCLK is active in
order to initiate the reset sequence. Initialization starts on the
rising edge of RST or PDAD/PDDA, and requires 1024
SYSCLK cycles for completion. Figure 8 shows the state of
the DAC and ADC outputs during and after the reset se-
quence.
SAMPLING RATE FREQUENCY
SYSTEM CLOCK FREQUENCY
(kHz)
(MHz)
256fS
384fS
512fS
32
8.1920
12.2880
16.3840
44.1
11.2896
16.9340
22.5792
48
12.2880
18.4320
24.5760
TABLE I. System Clock Frequencies.
System Clock Pulse Width High
t
SCKH
12ns
(min)
System Clock Pulse Width Low
t
SCKL
12ns
(min)
t
SCKH
t
SCKL
1/256f
S,1/384fS,or 1/512fS
0.7V
"H"
SYSCLK
"L"
0.3V
DD
FIGURE 5. System Clock Timing.
1024 System Clock Periods
Reset
Reset Removal
2.4V
2.2V
2.0V
V
DD
Internal Reset
SYSCLK
FIGURE 6. Internal Power-On Reset Timing.
1024 System Clock Periods
Reset
Reset Removal
SYSCLK
Internal Reset
RST
or
PDAD and PDDA
t
RST
t
RST = 40ns minimum
FIGURE 7. External Forced Reset Timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com