Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  PCM3003 Datasheet HTML 1Page - Burr-Brown (TI) PCM3003 Datasheet HTML 2Page - Burr-Brown (TI) PCM3003 Datasheet HTML 3Page - Burr-Brown (TI) PCM3003 Datasheet HTML 4Page - Burr-Brown (TI) PCM3003 Datasheet HTML 5Page - Burr-Brown (TI) PCM3003 Datasheet HTML 6Page - Burr-Brown (TI) PCM3003 Datasheet HTML 7Page - Burr-Brown (TI) PCM3003 Datasheet HTML 8Page - Burr-Brown (TI) PCM3003 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
®
3
PCM3002/3003
SPECIFICATIONS
All specifications at +25
°C, V
DD = VCC = 3.0V, fS = 44.1kHz, SYSCLK = 384fS, CLKIO Input, 18-bit data, unless otherwise noted.
PCM3002E/3003E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
+VDD, +VCC1, +VCC2 ...................................................................... +6.5V
Supply Voltage Differences ...............................................................
±0.1V
GND Voltage Differences ..................................................................
±0.1V
Digital Input Voltage ...................................................... –0.3 to VDD + 0.3V
Analog Input Voltage ......................................... –0.3 to VCC1, VCC2 + 0.3V
Power Dissipation .......................................................................... 300mW
Input Current ...................................................................................
±10mA
Operating Temperature Range ......................................... –25
°C to +85°C
Storage Temperature ...................................................... –55
°C to +125°C
Lead Temperature (soldering, 5s) .................................................. +260
°C
(reflow, 10s) ..................................................... +235
°C
ABSOLUTE MAXIMUM RATINGS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
DAC CHARACTERISTICS
RESOLUTION
20
Bits
DC ACCURACY
Gain Mismatch Channel-to-Channel
±1.0
±3
% of FSR
Gain Error
±1.0
±5
% of FSR
Gain Drift
±20
ppm of FSR/
°C
Bipolar Zero Error
±1.0
% of FSR
Bipolar Zero Drift
±20
ppm of FSR/
°C
DYNAMIC PERFORMANCE(9)
THD+N: VOUT = 0dB (Full Scale)
–86
–80
dB
VOUT = –60dB
–28
dB
Dynamic Range
EIAJ, A-Weighted
88
94
dB
Signal-to-Noise Ratio
EIAJ, A-Weighted
88
94
dB
Channel Separation
86
91
dB
DIGITAL FILTER PERFORMANCE
Passband
0.445fS
Hz
Stopband
0.555fS
Hz
Passband Ripple
±0.17
dB
Stopband Attenuation
–35
dB
Delay Time
11.1/fS
sec
ANALOG OUTPUT
Voltage Range
0.60 x VCC
Vp-p
Center Voltage
0.5 x VCC
VDC
Load Impedance
AC-Coupling
10
k
Ω
LPF Frequency Response
f = 20kHz
–0.16
dB
POWER SUPPLY REQUIREMENTS
Voltage Range: VCC, VDD
–25
°C to +85°C
2.7
3.0
3.6
VDC
0
° C to +70°C(10)
2.4
3.0
3.6
VDC
Supply Current: Operation
VCC = VDD = 3.0V
18
24
mA
Power-Down
VCC = VDD = 3.0V
50
µA
Power Dissipation: Operation
VCC = VDD = 3.0V
54
72
mW
Power-Down(11)
VCC = VDD = 3.0V
150
µW
TEMPERATURE RANGE
Operation
–25
+85
°C
Storage
–55
+125
°C
Thermal Resistance,
Θ
JA
100
°C/W
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
PCM3002E
SSOP-24
338
–25
°C to +85°C
PCM3002E
PCM3002E
Rails
"
"
"
"
"
PCM3002E/2K
Tape and Reel
PCM3003E
SSOP-24
338
–25
°C to +85°C
PCM3003E
PCM3003E
Rails
"
"
"
"
"
PCM3003E/2K
Tape and Reel
NOTES: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K indicates 2000 devices per reel). Ordering 2000 pieces
of “PCM3002E/2K” will get a single 2000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com