Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003 Datasheet(PDF) 17 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003 Datasheet(HTML) 17 Page - Burr-Brown (TI)

Back Button PCM3003 Datasheet HTML 13Page - Burr-Brown (TI) PCM3003 Datasheet HTML 14Page - Burr-Brown (TI) PCM3003 Datasheet HTML 15Page - Burr-Brown (TI) PCM3003 Datasheet HTML 16Page - Burr-Brown (TI) PCM3003 Datasheet HTML 17Page - Burr-Brown (TI) PCM3003 Datasheet HTML 18Page - Burr-Brown (TI) PCM3003 Datasheet HTML 19Page - Burr-Brown (TI) PCM3003 Datasheet HTML 20Page - Burr-Brown (TI) PCM3003 Datasheet HTML 21Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
®
17
PCM3002/3003
B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
ML
MC
MD
FIGURE 10. Control Data Input Format.
MC Pulse Cycle Time
tMCY
100ns (min)
MC Pulse Width LOW
tMCL
40ns (min)
MC Pulse Width HIGH
tMCH
40ns (min)
MD Setup Time
tMDS
40ns (min)
MD Hold Time
tMDH
40ns (min)
ML Low Level Time
tMLL
40ns + 1SYSCLK (min)
ML High Level Time
tMLH
40ns + 1SYSCLK (min)
ML Setup Time
tMLS
40ns (min)
ML Hold Time
tMLH
40ns (min)
SYSCLK: 1/256fS or 1/384fS or 1/512fS
ML
MC
MD
t
MLL
t
MLH
t
MCH
t
MCL
t
MDS
t
MCY
t
MLS
t
MLH
t
MDH
LSB
FIGURE 11. Control Data Input Timing.
FUNCTION
ADC/DAC
PCM3002
PCM3003
Audio Data Format
ADC/DAC
4 Selectable Formats
2 Selectable Formats
LRCIN Polarity
ADC/DAC
O
X
Loop-Back Control
ADC/DAC
O
X
Left Channel Attenuation
DAC
O
X
Right Channel Attenuation
DAC
O
X
Attenuation Control
DAC
O
X
Infinite Zero Detection
DAC
O
X
DAC Output Control
DAC
O
X
Soft Mute Control
DAC
O
X
De-Emphasis (OFF, 32kHz, 44.1kHz, 48kHz)
DAC
O
O
ADC Power-Down Control
ADC
O
O
DAC Power-Down Control
DAC
O
O
High Pass Filter Operation
ADC
O
X
TABLE II. Selectable Functions (O = User Selectable; X = Not Available).
OPERATIONAL CONTROL
PCM3002 can be controlled in a software mode with a
three-wire serial interface on MC (pin 18), MD (pin 17), and
ML (pin 8). Table II indicates selectable functions, and
Figure 10 and 11 illustrate the control data input format and
timing. PCM3003 only allows for control of 16-/20-bit data
format, digital de-emphasis, and Power-Down Control by
hardware pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com