Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003 Datasheet(PDF) 14 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003 Datasheet(HTML) 14 Page - Burr-Brown (TI)

Back Button PCM3003 Datasheet HTML 10Page - Burr-Brown (TI) PCM3003 Datasheet HTML 11Page - Burr-Brown (TI) PCM3003 Datasheet HTML 12Page - Burr-Brown (TI) PCM3003 Datasheet HTML 13Page - Burr-Brown (TI) PCM3003 Datasheet HTML 14Page - Burr-Brown (TI) PCM3003 Datasheet HTML 15Page - Burr-Brown (TI) PCM3003 Datasheet HTML 16Page - Burr-Brown (TI) PCM3003 Datasheet HTML 17Page - Burr-Brown (TI) PCM3003 Datasheet HTML 18Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
®
PCM3002/3003
14
FIGURE 3. Audio Data Input/Output Format.
FIGURE 4. Audio Data Input/Output Timing.
BCKIN Pulse Cycle Time
tBCY
300ns (min)
BCKIN Pulse Width High
tBCH
120ns (min)
BCKIN Pulse Width Low
tBCL
120ns (min)
BCKIN Rising Edge to LRCIN Edge
tBL
40ns (min)
LRCIN Edge to BCKIN Rising Edge
tLB
40ns (min)
LRCIN Pulse Width
tLRP
tBCY (min)
DIN Set-up Time
tDIS
40ns (min)
DIN Hold Time
tDIH
40ns (min)
DOUT Delay Time to BCKIN Falling Edge
tBDO
40ns (max)
DOUT Delay Time to LRCIN Edge
tLDO
40ns (max)
Rising Time of All Signals
tRISE
20ns (max)
Falling Time of All Signals
tFALL
20ns (max)
t
BCH
t
BCY
t
BCL
t
LB
t
DIH
t
DIS
t
LRP
t
BL
t
LDO
t
BDO
BCKIN
LRCIN
DIN
DOUT
0.5V
DD
0.5V
DD
0.5V
DD
0.5V
DD
MSB
L-ch
R-ch
L-ch
R-ch
LSB
LRCIN
BCKIN
FORMAT 3: PCM3002 Only
DIN
MSB
LSB
DAC: 20-Bit, MSB-First, I2S
ADC: 20-Bit, MSB-First, I2S
12
3
18 19 20
12
3
18 19 20
MSB
LSB
LRCIN
BCKIN
DOUT
MSB
LSB
12
3
18 19 20
12
3
18 19 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com