Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3003 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM3003
Description  16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM3003 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button PCM3003 Datasheet HTML 7Page - Burr-Brown (TI) PCM3003 Datasheet HTML 8Page - Burr-Brown (TI) PCM3003 Datasheet HTML 9Page - Burr-Brown (TI) PCM3003 Datasheet HTML 10Page - Burr-Brown (TI) PCM3003 Datasheet HTML 11Page - Burr-Brown (TI) PCM3003 Datasheet HTML 12Page - Burr-Brown (TI) PCM3003 Datasheet HTML 13Page - Burr-Brown (TI) PCM3003 Datasheet HTML 14Page - Burr-Brown (TI) PCM3003 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
®
11
PCM3002/3003
DE-EMPHASIS ERROR (32kHz)
0
3628
7256
10884
14512
0
4999.8375
9999.675
14999.5125
19999.35
0
5442
10884
16326
21768
Frequency (Hz)
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
DE-EMPHASIS ERROR (44.1kHz)
Frequency (Hz)
DE-EMPHASIS ERROR (48kHz)
Frequency (Hz)
DE-EMPHASIS FREQUENCY RESPONSE (32kHz)
0
5k
10k
15k
20k
25k
Frequency (Hz)
0
–2
–4
–6
–8
–10
–12
DE-EMPHASIS FREQUENCY RESPONSE (44.1kHz)
0
5k
10k
15k
20k
25k
Frequency (Hz)
0
–2
–4
–6
–8
–10
–12
DE-EMPHASIS FREQUENCY RESPONSE (48kHz)
0
5k
10k
15k
20k
25k
Frequency (Hz)
0
–2
–4
–6
–8
–10
–12
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VCC = VDD = 3.0V, fS = 44.1kHz, and fSYSCLK = 384fS, unless otherwise noted.
DAC DIGITAL FILTER
20
0
–20
–40
–60
–80
–100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
INTERNAL ANALOG FILTER FREQUENCY RESPONSE
(10Hz~10MHz)
0
50k
100k
150k
0
–20
–40
–60
–80
–100
OVERALL FREQUENCY CHARACTERISTICS
(f
S = 44.1kHz)
Frequency (Hz)
PASSBAND RIPPLE CHARACTERISTICS (f
S = 44.1kHz)
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
5k
10k
15k
20k
Frequency (Hz)
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
1
Frequency (Hz)
10
100
1k
10k
100k
INTERNAL ANALOG FILTER FREQUENCY RESPONSE
(1Hz~20kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com