Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPL Datasheet(PDF) 13 Page - Lineage Power Corporation

Part # CPL
Description  48V DC Critical Power Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CPL Datasheet(HTML) 13 Page - Lineage Power Corporation

Back Button CPL Datasheet HTML 8Page - Lineage Power Corporation CPL Datasheet HTML 9Page - Lineage Power Corporation CPL Datasheet HTML 10Page - Lineage Power Corporation CPL Datasheet HTML 11Page - Lineage Power Corporation CPL Datasheet HTML 12Page - Lineage Power Corporation CPL Datasheet HTML 13Page - Lineage Power Corporation CPL Datasheet HTML 14Page - Lineage Power Corporation CPL Datasheet HTML 15Page - Lineage Power Corporation CPL Datasheet HTML 16Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image




Compact Power Line, CPB-CPL
|
GECriticalPower.com
13
Converter (PEM) Options
CP2000DC54PEZ
CC109162104
CP2500DC54PEZ1
CC109170528
Rectifier Slot Filler
CentralOfficeWhite
CC848822263
Converter Shelf Options
List 14
CC109157657
Controller
CP841A_3C3R
CC109145331
Slot Filler
CC848847871
Mounting Brackets
1U bracket for 23”
frame mount
CC848844803
Wall mount bracket
CC848864504
DC Output Cables
DC output cable,
2 GA 10’
848748987
DC Bus for 1/4”
Faston Connections
(2 required)
CC848886192
J2007001 Converter Shelf
Ordering Guide
Alarm and Communication Cables
15’ Alarm or distribution cable (J1 or J7)
CC848865980
50’ Alarm or distribution cable (J1 or J7)
CC848817651
150’ Alarm or distribution cable (J1 or J7)
CC848817668
15’ Alarm input cable (J2)
CC848853614
Shelf to shelf communication cable
(J3, J4)
CC848847780
Rectifier Shelf Options
List 3
CC109147542
List 4
CC109140043
List 6 (Shown)
CC109140027
Rectifier
CP2000AC54TEZ
CC109158440
CP2000AC54TEP
CC109167565
CP2725AC54TEP
CC109167532
CP2725AC54TEZ
CC109149423
Rectifier Slot Filler
CentralOfficeWhite
CC848822263
Mounting Brackets
1U bracket for 23”
frame mount
CC848844803
2U bracket for 23”
frame mount
848683009
Wall mount bracket
CC848864504
AC Input, DC Output Cables
C19 plug, with 5-15P plug, 8’
CC848850792
C19 plug, with L6-20P plug, 8’
CC848850842
C19 plug, unterminated, 8’
CC848847368
Molex Mini-Fit SR, unterminated,
8awg, 10’ (2 cables provided)
848710711
DC output cable, 2ga, 10’
848748987
DC Bus Bar Strap (2 required)
CC848844324
AC
DC
J2007001 Shelf
Ordering Guide
Controller
CP841A-3C3R
CC109145331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com