Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPL Datasheet(PDF) 11 Page - Lineage Power Corporation

Part # CPL
Description  48V DC Critical Power Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CPL Datasheet(HTML) 11 Page - Lineage Power Corporation

Back Button CPL Datasheet HTML 7Page - Lineage Power Corporation CPL Datasheet HTML 8Page - Lineage Power Corporation CPL Datasheet HTML 9Page - Lineage Power Corporation CPL Datasheet HTML 10Page - Lineage Power Corporation CPL Datasheet HTML 11Page - Lineage Power Corporation CPL Datasheet HTML 12Page - Lineage Power Corporation CPL Datasheet HTML 13Page - Lineage Power Corporation CPL Datasheet HTML 14Page - Lineage Power Corporation CPL Datasheet HTML 15Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Compact Power Line, CPB-CPL
|
GECriticalPower.com
11
J2007001 Shelves System Controller Overview
Communication Signals for J2007001 Shelves
Battery Monitoring
J1 CONNECTOR – Pin Out
Pin
Signals for SPS841A_3C3R
Signals for SPS841A_0I5R
1
ALM1 Input
Alarm Relay 3 Rtn
2
ALM2 Input
Alarm Relay 2 Rtn
3
Alarm Relay 1 Rtn
Alarm Relay 1 Rtn
4
Power Minor Rtn
Power Minor Rtn
5
Power Major Rtn
Power Major Rtn
6
ALM1, 2, 6C RTNS
Alarm Relay 3
7
ALM6 Input
Alarm Relay 2
8
Alarm Relay 1
Alarm Relay 1
9
Power Minor
Power Minor
10
Power Major
Power Major
Edge Controller
CP841A_3C3R
J1 has 3 alarm inputs with a common return and 3 output relays; Power Major, Power Minor, 1 Selectable
J2 CONNECTOR
Pin
Signal
1
ALM6 Input
2
-
3
ALM3 Input
4
ALM4 Input
5
ALM5 Input
6
-48V
7
-48V
8
-48V
J7 CONNECTOR
Pin
Signal
1
FAJ
2
Coil Rtn
3
LVD_NC
4
LVD_NO
5
Shunt-
6
OS
7
Coil1
8
Coil2
9
LVD Status Rtn
10
Shunt+
• J1 provides alarm outputs and inputs based on the controller installed (see
table below). Inputs are “Dry”, no voltage, contact Closures or Opens to a
common return on pin 6. Outputs are relay contacts. Both input and output
alarms are customer defined on the controller’s web pages.
• J2 provides alarm inputs (see table below). Alarm inputs are contact Closures
or Opens to the non-grounded side of the dc bus [-48V]. Pins 6, 7, 8 provide
-48V for these alarm inputs.
• J3 battery thermal probe (QS873A) or battery mid-string voltage monitor
(ES771) with battery thermal probe.
• J4 shelf to shelf communication connection
• J5 LAN/Ethernet.
• J7 provides distribution control for shelves with external distribution.
See table below.
Temperature/Voltage probes are needed for battery monitoring. They
are connected to each battery or battery string to provide slope thermal
compensation, temperature alarms and voltage imbalance alarms. Refer to
ordering guide for diagram and part numbers.





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com