Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPL Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # CPL
Description  48V DC Critical Power Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CPL Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button CPL Datasheet HTML 4Page - Lineage Power Corporation CPL Datasheet HTML 5Page - Lineage Power Corporation CPL Datasheet HTML 6Page - Lineage Power Corporation CPL Datasheet HTML 7Page - Lineage Power Corporation CPL Datasheet HTML 8Page - Lineage Power Corporation CPL Datasheet HTML 9Page - Lineage Power Corporation CPL Datasheet HTML 10Page - Lineage Power Corporation CPL Datasheet HTML 11Page - Lineage Power Corporation CPL Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Compact Power Line, CPB-CPL
|
GECriticalPower.com
8
Shelf Line Drawing – J85480S1Shelves
List
Max
Power
DC Input
Plug
DC Output
Max Power
Supply
Features
Order Code
Bus
Termination
Setpoint
Other
14
10kW
Qty 2 (1 per 2
rectifiers)
split
DH Lugs
CP2500DC
(+) 48Vdc
POE, Analog, I2C
CC109124764
List
Max
Power
AC Input
Plug
DC Output
Max Rectifier
Size
Features
Order Codes
Bus
Termination
Setpoint
Other
20
11kW
IEC-320, C19
Common
DH Lugs
CP2725
(+) 54Vdc
Analog, I2C
CC109147344
21
Split
-54Vdc
CC109147328
23
8kW
IEC-320, C13
Common
CP2000
(+) 54Vdc
POE, Analog, I2C
CC109150447
J85480S1 Shelf Options
• List 25 shelves are preprogrammed to be always ON. Either polarity can be grounded.
• Split shelves L21 and Vout (-) is split, however Vout (+) is paralleled among the 4
rectifiers. Vout (+) should be grounded.
• All lists, up to 2 shelves can be paralleled for a single I2C line. Up to eight shelves may
be paralleled for current shared power delivery.
• All lists, shelf configured set point ensures inter-operability among all rectifiers from
CP2000 to CP2725. Rectifiers will proportionately current share relative to their output
power capacity.
• All Shelves are RoHS 6 compliant. Order should reflect J85480S1LxxZ where xx is the
list number and Z indicates compliance to RoHS 6.
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com