Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPL Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # CPL
Description  48V DC Critical Power Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CPL Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button CPL Datasheet HTML 2Page - Lineage Power Corporation CPL Datasheet HTML 3Page - Lineage Power Corporation CPL Datasheet HTML 4Page - Lineage Power Corporation CPL Datasheet HTML 5Page - Lineage Power Corporation CPL Datasheet HTML 6Page - Lineage Power Corporation CPL Datasheet HTML 7Page - Lineage Power Corporation CPL Datasheet HTML 8Page - Lineage Power Corporation CPL Datasheet HTML 9Page - Lineage Power Corporation CPL Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Compact Power Line, CPB-CPL
|
GECriticalPower.com
6
General
Operating Voltage
±24 Vdc, ±48 Vdc
(Range: ±18 to ±60 Vdc)
Input Power
Less than 7W
Operating Temperature Range
-40°C to +75°C (-40°F to 167°F)
Storage Temperature Range
-40°C to +85°C (-40°F to 185°F)
Operating Relative Humidity
0 - 95% (non-condensing)
PhysicalSpecifications
1.75 in. H, 0.75 in. W, 8.00 in. D; 0.5lb
45mm H, 20mm W, 204mm D; 227g
Display
8-line by 40-character backlit LCD
Agency Certifications
Radiated Emissions
FCC, Class B; EN 55022, Class B
Safety
UL Unlisted Component as Part of CPL or SPS
Power System
RoHS
Compliant to RoHS EU Directive 2002/95/EC
EMC
FCC/EN55022 Class B, CISPR22 Level B
ESD
EN 61000-4-2 level 4
Integrated Monitoring Inputs/Outputs
• System plant voltage (accuracy ±0.5%, resolution 0.01V)
• One system shunt (accuracy ±1% full scale, resolution 1A)
-
Battery or load
-
Mounted in the return side of DC bus
• Up to 15 binary inputs
-
Six inputs close/open to battery
-
9 input close/open to return (number is dependent upon
number of output alarms)
-
User assignable
• Up to 5 user assignable Form-C output alarms (50VDC @ .3A)
• 1-Wire* bus devices
-
Up to 16 temperature probes (QS873)
-
Up to 6 mid-string monitors (ES771)
Galaxy Manager Compatible
• Centralized web server and database with multiple user access to
live or managed data with drill down to problem details
• Monitor and control of more than 40 connected devices
• Management information from polling or alarms received from
alarm traps from multiple sites are available on one screen via the
inter/intranet
• Trend user selected data over time
• Automatic or manual report generation
• Standard engineering tools like reserve time calculators and cable
voltage drop analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com