Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPL Datasheet(PDF) 9 Page - Lineage Power Corporation

Part # CPL
Description  48V DC Critical Power Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CPL Datasheet(HTML) 9 Page - Lineage Power Corporation

Back Button CPL Datasheet HTML 5Page - Lineage Power Corporation CPL Datasheet HTML 6Page - Lineage Power Corporation CPL Datasheet HTML 7Page - Lineage Power Corporation CPL Datasheet HTML 8Page - Lineage Power Corporation CPL Datasheet HTML 9Page - Lineage Power Corporation CPL Datasheet HTML 10Page - Lineage Power Corporation CPL Datasheet HTML 11Page - Lineage Power Corporation CPL Datasheet HTML 12Page - Lineage Power Corporation CPL Datasheet HTML 13Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Compact Power Line, CPB-CPL
|
GECriticalPower.com
9
Description
Schematic
Common Output Bus for Terminal Lug Connection
• Each Lug Connection rated for 100A with 2 gauge wire
(200A for shelf)
Split Output Bus for Terminal Lug Connection
• Vdc( - ) has Split buses Vdc( + ) is common to
both sections.
• Each bus may be independently controlled
• Multiple shelves may not be paralleled together.
• Each Lug Connection rated for 100A with 2 gauge wire
(200A for shelf)
J1 CONNECTOR – Pin Out
Pin
Signal
Pin
Signal
1
POWER_CAP_1
16
SDA_1
2
POWER_CAP_2
17
Fault
3
POWER_CAP_3
18
Alert#_0
4
POWER_CAP_4
19
Enable side B
5
MOD_PRES_1
20
Logic_GRD
6
MOD_PRES_2
21
Enable Side A
7
MOD_PRES_3
22
Logic_GRD
8
MOD_PRES_4
23
Alert#_1
9
PFW_1
24
5VA
10
PFW_2
25
OTW
11
PFW_3
26
Reset
12
PFW_4
27
Iso. barrier n/c
13
SCL_0
28
Iso. barrier n/c
14
SCL_1
29
Shelf_Addr_B
15
SDA_0
30
Shelf_Addr_A
J2 CONNECTOR – Pin Out
Pin
Signal
Pin
Signal
1
SCL_0
8
Alert#_1
2
SCL_1
9
Isolation n/c
3
SDA_0
10
Isolation n/c
4
SDA_1
11
Ishare - B
5
Alert#_0
12
Ishare - A
6
5VA
13
8V_INT - B
7
Logic_GRD
14
8V_INT - A
DC Output Types – J85480S1 Shelves
Communication Signals – J85480S1 Shelves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com