Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPL Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # CPL
Description  48V DC Critical Power Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CPL Datasheet(HTML) 1 Page - Lineage Power Corporation

  CPL Datasheet HTML 1Page - Lineage Power Corporation CPL Datasheet HTML 2Page - Lineage Power Corporation CPL Datasheet HTML 3Page - Lineage Power Corporation CPL Datasheet HTML 4Page - Lineage Power Corporation CPL Datasheet HTML 5Page - Lineage Power Corporation CPL Datasheet HTML 6Page - Lineage Power Corporation CPL Datasheet HTML 7Page - Lineage Power Corporation CPL Datasheet HTML 8Page - Lineage Power Corporation CPL Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Compact Power Line
48V DC Critical Power Solution
The Compact Power Line platform is designed to provide highly reliable DC power for
48V distributed power architectures. A single shelf configuration provides up to 11kW
of 48V output power in 1U high and mounts in 19-inch or 23-inch wide frames. The
CPL product platform is easily expandable for future growth. CPL is a reliable DC power
solution for mission-critical enterprise and telecommunications network equipment.
Shelf Options
The CP product line provides several
shelf options with common or split
DC output configurations. There
are two families of CPL shelves; one
used with a Pulsar Edge controller,
the other used without a controller
or with a customer’s own controller
using I2C communications. J85480S1
shelves have four slots for rectifiers
or converters (PEMs) and use I2C for
communications. J2007001 shelves
have four slots with space for a full-
feature Pulsar Edge Controller.
The Pulsar Edge controller has Ethernet
connectivity to facilitate remote
network management to monitor
and control rectifiers, batteries, and
distribution. CPL is ideal for a broad
range of applications requiring highly
efficient 48V DC power.
Rectifier Options
CP2000 and CP2725 rectifiers are single
phase, constant power rectifiers that
provide 2000 Watts and 2725 Watts
(respectively) of highly reliable DC power.
The constant output power characteristics,
extended temperature range, universal AC
input, and compact size are key attributes
that make this rectifier the right choice for
your power needs.
Pulsar Edge Controller
CPL features the Pulsar Edge controller
delivering large system intelligence in
a small system form factor. Ethernet
connectivity with SNMP facilitates
remote network management.
Features and Benefits
Reliability
• Proven field performance
• Advanced alarming
• N+1 modularity
Intelligence
• Industry leading controller features
• Ethernet interface for remote access
• Centralized network management
Investment Protection
• Minimal space requirements
• Versatile configurations
• Efficient operation
On Time Delivery
• Standard building blocks
• 8-16 week availability
• 24/7 support
• Compact 48V DC
distributed power
system
• Efficiency
approaching 97%
• Maximum power in
minimal space
• Scalable to 80 kW
• Powering enterprise and
telecommunications
networks


Similar Part No. - CPL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPL VISHAY-CPL Datasheet
108Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead, Low Value
10-May-11
logo
Eaton All Rights Reserv...
CPL EATON-CPL Datasheet
872Kb / 6P
Multi-phase power inductors
CPL-2-50TR-R EATON-CPL-2-50TR-R Datasheet
872Kb / 6P
Multi-phase power inductors
logo
Mini-Circuits
CPL-20-14 MINI-CPL-20-14 Datasheet
305Kb / 1P
Bi-Directional Coupler
CPL-20-14+ MINI-CPL-20-14+ Datasheet
305Kb / 1P
Bi-Directional Coupler
More results

Similar Description - CPL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
48V 15 WATT ISOLATED DC-DC CONVERTER
logo
Sparkle Power Inc.
FSP300-60DL SPI-FSP300-60DL Datasheet
77Kb / 1P
300 Watts -48V DC Input ATX12V Switching Power Supply
FSP400-60DL SPI-FSP400-60DL Datasheet
74Kb / 1P
300 Watts -48V DC Input ATX12V Switching Power Supply
logo
Advantech Co., Ltd.
ARK-1380 ADVANTECH-ARK-1380 Datasheet
409Kb / 2P
Mainstream Solution for Space Critical Applications
logo
ORION FANS
OD172SAPL ORIONFANS-OD172SAPL Datasheet
648Kb / 1P
DC Fan - 12, 24, 48V
logo
International Rectifier
IRFHM792TRPBF IRF-IRFHM792TRPBF Datasheet
269Kb / 9P
DC-DC Primary Switchl 48V Battery Monitoring
logo
Lineage Power Corporati...
SPS LINEAGEPOWER-SPS Datasheet
2Mb / 12P
48V DC Outside Plant and Customer Premise Solution
logo
International Rectifier
IRFH7187PBF IRF-IRFH7187PBF Datasheet
494Kb / 8P
Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
logo
Delta Electronics, Inc.
PACSR48010 DELTA-PACSR48010 Datasheet
752Kb / 7P
48V Output AC/DC Converter
logo
Bel Fuse Inc.
STM48 BEL-STM48 Datasheet
1Mb / 30P
48V-to-PoL isolated DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com