Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPL Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # CPL
Description  48V DC Critical Power Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CPL Datasheet(HTML) 4 Page - Lineage Power Corporation

  CPL Datasheet HTML 1Page - Lineage Power Corporation CPL Datasheet HTML 2Page - Lineage Power Corporation CPL Datasheet HTML 3Page - Lineage Power Corporation CPL Datasheet HTML 4Page - Lineage Power Corporation CPL Datasheet HTML 5Page - Lineage Power Corporation CPL Datasheet HTML 6Page - Lineage Power Corporation CPL Datasheet HTML 7Page - Lineage Power Corporation CPL Datasheet HTML 8Page - Lineage Power Corporation CPL Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Mechanical
Length (in./mm)
13.85 / 351.2
Width (in./mm)
4 / 101.6
Height (in./mm)
1.63 / 41.4
Weight (lb / kg)
5 / 2.27
General
Cooling
Internal variable speed fan cooled
Efficiency
90% @ 100 Vac (Vout>52V, Pout>50%
93% @ 230 Vac (Vout>52V, Pout)
Heat Dissipation
AC-DC
2725 -> 151W / 514 BTU
2500 -> 138W / 471 BTU
2000 -> 110W / 375 BTU
DC-DC
2500 -> 220W / 751 BTU
2000 -> 176W / 601 BTU
Environmental
Operating Temperature
-40ºC1 to +75ºC (-40°F to 167°F)
Storage Temperature
-40°C to +85°C (-40°F to 185°F)
Power De-Rating
> +55°C (derates @ 2% per °C)
Relative Humidity
95% max, non-condensing
Altitude
4,000m max (13,000 ft)
Audible Noise
55dBA, typical
Safety and Standards Compliance
Zone 4
PerTelcordiaGR-63-CORE,allfloorswheninstalledin
CPL shelf
Safety
CE mark to Low Voltage Directive 2006/95/EC
UL 609501-1 Recognized
CAN/CSAC22.2No.60950-1-03Certified
VDE 0805-1 Licensed to IEC60950-1
RoHS
Compliant to RoHS EU Directive 2002/95/EC
EMC
FCC and CISPR22 (EN 55022) Class A
ESD
EN/IEC 61000-4-2 Level 3
1
Designed to start at an ambient as low as -40°C but may not meet operational
limits until above -5°C.
All AC-DC models and All DC-DC models
Compact Power Line, CPB-CPL
|
GECriticalPower.com
4
Outline Drawing
Symbol
Analog Mode
I2C Mode
RS485 Mode
On: Input OK
Blinking: Input out of limits
On: Output OK
Blinking: Overload
On: Over-temperature warning
On: Over-temperature warning
Blinking: Service
On: Over-temperature warning
On: Fault
On: Output OK
Blinking: Overload
Dimensions
Front Panel LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com