Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPL Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # CPL
Description  48V DC Critical Power Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CPL Datasheet(HTML) 2 Page - Lineage Power Corporation

  CPL Datasheet HTML 1Page - Lineage Power Corporation CPL Datasheet HTML 2Page - Lineage Power Corporation CPL Datasheet HTML 3Page - Lineage Power Corporation CPL Datasheet HTML 4Page - Lineage Power Corporation CPL Datasheet HTML 5Page - Lineage Power Corporation CPL Datasheet HTML 6Page - Lineage Power Corporation CPL Datasheet HTML 7Page - Lineage Power Corporation CPL Datasheet HTML 8Page - Lineage Power Corporation CPL Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CPL Power Supplies
Applications
Key Features
Specifications
The CPL series of rectifiers are specifically designed to operate as an integral part of a
complete distributed power system or can be easily integrated into an OEM design. The
high-density, front-to-back airflow rectifier is designed for minimal space utilization and is
highly expandable for future growth.
The power modules are available with many features including PoE isolation, RS485
communications bus for use with GE battery plant controllers in forming an energy reserve
system and redundant I2C communications bus for use with a customer’s controller. This
flexible and sophisticated feature set makes this front-end power supply an excellent choice
for power in a variety of application spaces.
• Enterprise networks
• OEM Telecom equipment
• Power over Ethernet
• VoIP/soft switches
• SAN/NAS/iSCSI applications
• LAN/WAN/MAN applications
• Indoor wireless
• Routers and switches
• Compact 1RU form factor
• PMBus compliant dual
I2C and RS485 serial bus
communications
• Front panel LED indicators
• Internal variable-speed
fan control
• Constant power; 52 – 58 Vdc
• Programmable output
voltage; 44 – 58 Vdc
• Universal AC input
• PoE compliant versions
available
• CE marked
• RoHS 6 compliant
• Hot pluggable
AC-DC Power Supplies
Input
2000
2725
Voltage Range
- Low-Line
- High-Line
120Vac Nominal (1200W)
208, 240, 277Vac Nominal
Input Frequency
47 – 63 Hz
Input Current
11.9 Arms @ 110Vac
13.1 Arms @ 240Vac
Inrush Transient
25Apk Typical
Power Factor
0.98 from 50% to 100% Load
Holdup Time
20ms1, 30ms**
EMI/EMC
Exceeds FCC and CISPR22 (EN55022) - Class A
1
measurement starts at zero crossing of the ac voltage, and voltage devayed to 40V
2
for loads below 1200W
Compact Power Line, CPB-CPL
|
GECriticalPower.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com