Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPL Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # CPL
Description  48V DC Critical Power Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CPL Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button CPL Datasheet HTML 6Page - Lineage Power Corporation CPL Datasheet HTML 7Page - Lineage Power Corporation CPL Datasheet HTML 8Page - Lineage Power Corporation CPL Datasheet HTML 9Page - Lineage Power Corporation CPL Datasheet HTML 10Page - Lineage Power Corporation CPL Datasheet HTML 11Page - Lineage Power Corporation CPL Datasheet HTML 12Page - Lineage Power Corporation CPL Datasheet HTML 13Page - Lineage Power Corporation CPL Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Compact Power Line, CPB-CPL
|
GECriticalPower.com
10
Shelf Line Drawing – J2007001 Shelves
List
Max Rectifer
Size
AC Input
DC Output
Rear View of Shelf
3
2725 Watts
Single AC feed
(terminal blocks
for 6ga wire and
¾”conduitfitting)
DC output bus is
rated for 200A for
two 2ga or one
2/0 gauge two-
hole lugs
(¼-20 studs on
5/8” centers).
DC Output Bus
AC
Signal
4
2725 Watts
Individual feed
(Molex Mini-Fit SR)
6
2725 Watts
Individual feed
(IEC-320 C19
Cords)
J2007001 Shelf Options
1. CP841A Pulsar Edge Controller ships separately.
2. Up to 3 shelves may be interconnected.
Notes:
List
Max
Power
DC Input
Plug
DC Output
Max Power
Supply
Features
Order Code
Bus
Termination
Setpoint
Other
14
10kW
2 x ¼-20 x 5/8 in
DH Lug
Common
2 x ¼-20 x 5/8 in
DH Lug
CP2500DC
Variable, set by
Edge Controller
RS485
CC109157657
J2007001L14 DC PEM Shelf Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com