Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPL Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # CPL
Description  48V DC Critical Power Solution
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CPL Datasheet(HTML) 3 Page - Lineage Power Corporation

  CPL Datasheet HTML 1Page - Lineage Power Corporation CPL Datasheet HTML 2Page - Lineage Power Corporation CPL Datasheet HTML 3Page - Lineage Power Corporation CPL Datasheet HTML 4Page - Lineage Power Corporation CPL Datasheet HTML 5Page - Lineage Power Corporation CPL Datasheet HTML 6Page - Lineage Power Corporation CPL Datasheet HTML 7Page - Lineage Power Corporation CPL Datasheet HTML 8Page - Lineage Power Corporation CPL Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AC-DC Power Supplies
Output
2000
2725
Voltage Default
54Vdc
Voltage Adjust Range
- Hardware set via margin pin
- I2C or RS485 set
44-58Vdc
42-58Vdc
Rated Output Current
- Low Line
- High Line
251
38.42
251
52.42
Rated Output Power
- Low Line
- High Line
1200W3
2000W4
1200W3
2725W4
Psophometric Noise
9mVrms5
Ripple (5Hz to 20MHz)
- RMS
- Peak to Peak
100mVrms max
250mVp-p max
Over Voltage Protection
- Delayed
- Immediate
60Vdc
60Vdc
Over Temperature
- Warning
- Shutdown
5C
20C
PoE Isolation
Optional
Optional
1
at 1200W, 54V @ 100-120Vac
2
at full power @ 52V @ 200-240Vac
3
at low line input from nominal 100-120Vac
4
at high line input from nominal 200-277Vac
5
ComplieswithANSITI.523-2001section4.9.2emissionsmaxlimitof20mVflatunweightedwidebandnoiselimit
DC-DC Power Supplies
Output
2000
2500
Voltage Range
-40 to -72 Vdc
Input Current
60Adc max
75Adc max
Inrush Current
60Adc max
100Adc max
Holdup Time
6ms
EMI/EMC
Exceeds FCC and CISPR22 (EN55022) - Class A
DC-DC Power Supplies
Output
2000
2500
Voltage Default
54Vdc
Voltage Adjust Range
44 - 58 Vdc
Rated Output Current
0.1 to 37A
0.1 to 46.3A
Rated Output Power
2000W
2500W
Ripple (5Hz to 20MHz)
- RMS
- Peak to Peak
250mVrms
500mVpk-pk
Over Voltage Protection
- Delayed
- Immediate
60Vdc
65Vdc
Over Temperature
- Warning
- Shutdown
5C
20C
PoE Isolation
Yes
Yes
Compact Power Line, CPB-CPL
|
GECriticalPower.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com